| Moteur de recherche de fiches techniques de composants électroniques |
|
SPC563M60X Fiches technique(PDF) 49 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC563M60X Fiches technique(HTML) 49 Page - STMicroelectronics |
|
49 / 128 page ![]() CAN_C_RX GPIO[88] CAN_C Receive GPIO PCR[88] 01 00 I I/O VDDEH6a Slow – / Up – / Up 81 98 eSCI SCI_A_TX eMIOS[13] GPIO[89] eSCI_A Transmit eMIOS Ch. GPIO PCR[89] 01 10 00 O O I/O VDDEH6a Slow – / Up – / Up 83 100 SCI_A_RX(23) eMIOS[15] GPIO[90] eSCI_A Receive eMIOS Ch. GPIO PCR[90] 01 10 00 I O I/O VDDEH6a Slow – / Up – / Up 82 99 SCI_B_TX GPIO[91] eSCI_B Transmit GPIO PCR[91] 01 00 I/O I/O VDDEH6a Slow – / Up – / Up 72 87 SCI_B_RX GPIO[92] eSCI_B Receive GPIO PCR[92] 01 00 I I/O VDDEH6a Slow – / Up – / Up 69 84 DSPI DSPI_B_SCK DSPI_C_PCS[1] GPIO[102] DSPI_B Clock DSPI_C Periph Chip Select GPIO PCR[102] 01 10 00 I/O O I/O VDDEH6b Medium – / Up – / Up 89 106 DSPI_B_SIN DSPI_C_PCS[2] GPIO[103] DSPI_B Data Input DSPI_C Periph Chip Select GPIO PCR[103] 01 10 00 I O I/O VDDEH6b Medium – / Up – / Up 95 112 DSPI_B_SOUT DSPI_C_PCS[5] GPIO[104] DSPI_B Data Output DSPI_C Periph Chip Select GPIO PCR[104] 01 10 00 O O I/O VDDEH6b Medium – / Up – / Up 96 113 DSPI_B_PCS[0] GPIO[105] DSPI_B Periph Chip Select GPIO PCR[105] 01 00 O I/O VDDEH6b Medium – / Up – / Up 94 111 Table 4. SPC563Mx signal properties (continued) Name Function(1) Pad Config. Register (PCR)(2) PCR PA Field(3) I/O Type Voltage(4) / Pad Type Reset State(5) Function / State After Reset(6) Pin No. LQFP 144 LQFP 176 |