Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPC563M60X Fiches technique(PDF) 44 Page - STMicroelectronics

No de pièce SPC563M60X
Description  32-bit Power Architecture based MCU for automotive powertrain applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M60X Fiches technique(HTML) 44 Page - STMicroelectronics

Back Button SPC563M60X Datasheet HTML 40Page - STMicroelectronics SPC563M60X Datasheet HTML 41Page - STMicroelectronics SPC563M60X Datasheet HTML 42Page - STMicroelectronics SPC563M60X Datasheet HTML 43Page - STMicroelectronics SPC563M60X Datasheet HTML 44Page - STMicroelectronics SPC563M60X Datasheet HTML 45Page - STMicroelectronics SPC563M60X Datasheet HTML 46Page - STMicroelectronics SPC563M60X Datasheet HTML 47Page - STMicroelectronics SPC563M60X Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 128 page
background image
3.3
Signal summary
Table 4. SPC563Mx signal properties
Name
Function(1)
Pad
Config.
Register
(PCR)(2)
PCR PA
Field(3)
I/O
Type
Voltage(4) /
Pad Type
Reset
State(5)
Function / State
After Reset(6)
Pin No.
LQFP
144
LQFP
176
Dedicated GPIO
GPIO[98]
GPIO
PCR[98]
—
I/O
VDDEH7
Slow
– / Up
GPIO[98]/Up
—
141
GPIO[99]
GPIO
PCR[99]
—
I/O
VDDEH7
Slow
– / Up
GPIO[99]/Up
—
142
GPIO[206](7)
GPIO
PCR[206]
—
I/O
VDDEH7
Slow
– / Up
GPIO[206]/Up
—
143
GPIO[207](7)
GPIO
PCR[207]
—
I/O
VDDEH7
Slow
– / Up
GPIO[207]/Up
—
144
Reset / Configuration
RESET
External Reset Input
—
—
I
VDDEH6a
Slow
I / Up
RESET /
Up
80
97
RSTOUT
External Reset Output
PCR[230]
—
O
VDDEH6a
Slow
RSTOUT/
Low
RSTOUT/
High
85
102
PLLREF
IRQ[4]
ETRIG[2]
GPIO[208]
FMPLL Mode Selection
External Interrupt Request
eQADC Trigger Input
GPIO
PCR[208]
011
010
100
000
I
I
I
I/O
VDDEH6a
Slow
PLLREF / Up
– / Up
68
83
BOOTCFG1
IRQ[3]
ETRIG[3]
GPIO[212]
Boot Config. Input
External Interrupt Request
eQADC Trigger Input
GPIO
PCR[212]
011
010
100
000
I
I
I
I/O
VDDEH6a
Slow
BOOTCFG1 /
Down
– / Down
70
85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More