Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PAC1933T-I/JQ. Fiches technique(PDF) 16 Page - Microchip Technology

No de pièce PAC1933T-I/JQ.
Description  Multi-Channel DC Power/Energy Monitor with Accumulator
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1933T-I/JQ. Fiches technique(HTML) 16 Page - Microchip Technology

Back Button PAC1933T-I/JQ. Datasheet HTML 12Page - Microchip Technology PAC1933T-I/JQ. Datasheet HTML 13Page - Microchip Technology PAC1933T-I/JQ. Datasheet HTML 14Page - Microchip Technology PAC1933T-I/JQ. Datasheet HTML 15Page - Microchip Technology PAC1933T-I/JQ. Datasheet HTML 16Page - Microchip Technology PAC1933T-I/JQ. Datasheet HTML 17Page - Microchip Technology PAC1933T-I/JQ. Datasheet HTML 18Page - Microchip Technology PAC1933T-I/JQ. Datasheet HTML 19Page - Microchip Technology PAC1933T-I/JQ. Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 62 page
background image
PAC1932/3/4
DS20005850C-page 16
 2017-2018 Microchip Technology Inc.
3.8
Enable Pin (PWRDN)
Power down input pin for the device, active low.
3.9
SLOW/ALERT
In default mode, if this pin is forced high, sampling rate
is forced to eight samples/second. When it is forced
low, the sampling rate is 1024 samples/second unless
a different sample rate has been programmed.This pin
may be programmed to act as the ALERT pin, in
ALERT mode the pin needs a pull-up resistor to VDD
I/O.
3.10
Exposed Thermal Pad Pin (EP)
The Exposed pad is not electrically connected. It is
recommended that you connect it to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62