Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PAC1933T-I/JQ. Fiches technique(PDF) 55 Page - Microchip Technology

No de pièce PAC1933T-I/JQ.
Description  Multi-Channel DC Power/Energy Monitor with Accumulator
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1933T-I/JQ. Fiches technique(HTML) 55 Page - Microchip Technology

Back Button PAC1933T-I/JQ. Datasheet HTML 51Page - Microchip Technology PAC1933T-I/JQ. Datasheet HTML 52Page - Microchip Technology PAC1933T-I/JQ. Datasheet HTML 53Page - Microchip Technology PAC1933T-I/JQ. Datasheet HTML 54Page - Microchip Technology PAC1933T-I/JQ. Datasheet HTML 55Page - Microchip Technology PAC1933T-I/JQ. Datasheet HTML 56Page - Microchip Technology PAC1933T-I/JQ. Datasheet HTML 57Page - Microchip Technology PAC1933T-I/JQ. Datasheet HTML 58Page - Microchip Technology PAC1933T-I/JQ. Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 62 page
background image
 2017-2018 Microchip Technology Inc.
DS20005850C-page 55
PAC1932/3/4
RECOMMENDED LAND PATTERN
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
SILK SCREEN
Dimension Limits
Units
C2
Optional Center Pad Width
Contact Pad Spacing
Optional Center Pad Length
Contact Pitch
Y2
X2
2.70
2.70
MILLIMETERS
0.65 BSC
MIN
E
MAX
4.00
Contact Pad Length (X16)
Contact Pad Width (X16)
Y1
X1
0.80
0.35
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
1. Dimensioning and tolerancing per ASME Y14.5M
Microchip Technology Drawing C04-2257A
NOM
16-Lead Ultra Thin Plastic Quad Flat, No Lead Package (JQ) - 4x4x0.5 mm Body
C2
C1
X2
Y2
X1
E
Y1
C1
4.00
Contact Pad Spacing
1
2
16
[UQFN]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62