| Moteur de recherche de fiches techniques de composants électroniques |
|
TDA7562 Fiches technique(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7562 Fiches technique(HTML) 2 Page - STMicroelectronics |
|
2 / 17 page ![]() TDA7562 2/17 ABSOLUTE MAXIMUM RATINGS THERMAL DATA PIN CONNECTION (Top view) Symbol Parameter Value Unit Vop Operating Supply Voltage 18 V VS DC Supply Voltage 28 V Vpeak Peak Supply Voltage (for t = 50ms) 50 V VCK CK pin Voltage 6 V VDATA Data Pin Voltage 6 V IO Output Peak Current (not repetitive t = 100 s) 8 A IO Output Peak Current (repetitive f > 10Hz) 6 A Ptot Power Dissipation Tcase = 70°C 85 W Tstg, Tj Storage and Junction Temperature -55 to 150 °C Symbol Parameter Value Unit Rth j-case Thermal Resistance Junction to case Max. 1°C/W D00AU1230 TAB STBY PW_GND LR OUT LR- CD-OUT OUT LR+ VCC1 OUT LF- PW_GND LF OUT LF+ SVR IN LF IN LR S_GND IN RR IN RF AC GND OUT RF+ PW_GND RF OUT RF- VCC2 CK OUT RR- OUT RR+ PW_GND RR DATA TAB 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 25 26 22 21 23 24 27 |