| Moteur de recherche de fiches techniques de composants électroniques |
|
TDA7562 Fiches technique(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7562 Fiches technique(HTML) 13 Page - STMicroelectronics |
|
13 / 17 page ![]() 13/17 TDA7562 If R/W = 1, the TDA7562 sends 4 "Diagnostics Bytes" to P: DB1, DB2, DB3 and DB4. DB1 DB2 D7 Thermal warning active (D7 = 1) D6 Diag. cycle not activated or not terminated (D6 = 0) Diag. cycle terminated (D6 = 1) D5 X D4 X D3 Channel LF Normal load (D3 = 0) Short load (D3 = 1) D2 Channel LF No output offset (D2 = 0) Output offset detection (D2 = 1) D1 Channel LF No short to Vcc (D1 = 0) Short to Vcc (D1 = 1) D0 Channel LF No short to GND (D1 = 0) Short to GND (D1 = 1) D7 Offset detection not activated (D7 = 0) Offset detection activated (D7 = 1) D6 X D5 X D4 X D3 Channel LR Normal load (D3 = 0) Short load (D3 = 1) D2 Channel LR No output offset (D2 = 0) Output offset detection (D2 = 1) D1 Channel LR No short to Vcc (D1 = 0) Short to Vcc (D1 = 1) D0 Channel LR No short to GND (D1 = 0) Short to GND (D1 = 1) |