Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NETWORK-AUTOMATION Fiches technique(PDF) 2 Page - Juniper Networks, Inc.

No de pièce NETWORK-AUTOMATION
Description  ENABLING NETWORK AUTOMATION WITH JUNOS OS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  JUNIPER [Juniper Networks, Inc.]
Site Internet  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

NETWORK-AUTOMATION Fiches technique(HTML) 2 Page - Juniper Networks, Inc.

  NETWORK-AUTOMATION Datasheet HTML 1Page - Juniper Networks, Inc. NETWORK-AUTOMATION Datasheet HTML 2Page - Juniper Networks, Inc. NETWORK-AUTOMATION Datasheet HTML 3Page - Juniper Networks, Inc. NETWORK-AUTOMATION Datasheet HTML 4Page - Juniper Networks, Inc. NETWORK-AUTOMATION Datasheet HTML 5Page - Juniper Networks, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Figure 1: Disaggregated Junos OS software
• Open Data Models: Since its inception, Junos OS has been
modeling the configuration and operational state internally
using what was effectively the precursor of YANG.What Junos
OS pioneered has effectively become the industry standard,
where Network Configuration Protocol (NETCONF) is used as
a transport mechanism, while YANG is used as a data-modeling
language. In addition to supporting YANG to model
configuration objects, Junos OS also supports the standardized
YANG models and OpenConfig.
• Junos Continuity: A major cause of downtime is the need to
upgrade the network OS whenever new hardware, such as a
line card, is installed in a device. These upgrades and the
subsequent reboot always impact existing services. Junos
Continuity provides a plug-and-play approach that ensures
high network availability, preventing required device reboots
by making the insertion of new line cards a non-service
impacting event.
• Junos Node Slicing: Junos Node Slicing supports the
convergence of multiple concurrent network functions on the
same physical infrastructure. This gives service providers the
ability to optimize their infrastructure, while offering
differentiated services with enhanced operational and
administrative isolation with a single chassis. By decoupling the
network software from underlying infrastructure, Junos Node
Slicing accelerates service deployment, reduces capital outlay,
and improves operational efficiency.
Features and Benefits
Revenue Growth
The programmability and automation capabilities of Junos OS give
service providers and enterprises the ability to automate business-
critical services. This frees up valuable resources for innovation and
optimal user experiences, which ultimately leads to greater
customer satisfaction and brand loyalty. Junos Node Slicing
optimizes the network infrastructure, enabling the convergence of
multiple concurrent network functions on a single chassis,
dramatically improving operational efficiency and top-line growth
opportunities.
Cost Efficiencies
Junos OS improves the overall cost efficiency of network
deployments. Junos Node Slicing enables the convergence of
multiple concurrent network functions with a single chassis,
maximizing the utilization of network nodes and improving CapEx
efficiency. OpEx efficiency is achieved through automation, which
replaces the extensive manual processes required by traditional
network configuration, management, and operation, drastically
simplifying network operations and virtually eliminating human
errors.
Agility
Business requirements are always evolving, reflecting constantly
changing market dynamics. The programmability and open-source
automation frameworks supported by Junos OS give service
providers and enterprises the ability to rapidly implement
customized network services and deploy business-critical
applications.
Enabling Network Automation with Junos OS Datasheet
2



Html Pages

1 2 3 4 5