Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NETWORK-AUTOMATION Fiches technique(PDF) 4 Page - Juniper Networks, Inc.

No de pièce NETWORK-AUTOMATION
Description  ENABLING NETWORK AUTOMATION WITH JUNOS OS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  JUNIPER [Juniper Networks, Inc.]
Site Internet  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

NETWORK-AUTOMATION Fiches technique(HTML) 4 Page - Juniper Networks, Inc.

  NETWORK-AUTOMATION Datasheet HTML 1Page - Juniper Networks, Inc. NETWORK-AUTOMATION Datasheet HTML 2Page - Juniper Networks, Inc. NETWORK-AUTOMATION Datasheet HTML 3Page - Juniper Networks, Inc. NETWORK-AUTOMATION Datasheet HTML 4Page - Juniper Networks, Inc. NETWORK-AUTOMATION Datasheet HTML 5Page - Juniper Networks, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Junos Snapshot Administrator (JSNAP)
Junos Snapshot Administrator captures and audits the runtime
environment of network devices running Junos OS, automating
network state verification by capturing and validating the status of a
device. It is used to take pre- and post-snapshots of the
environment, then compare them based on test cases provided. It is
also used to audit a device’s runtime environment against
predefined criteria. JSNAP is the Stylesheet Language Alternative
Syntax (SLAX) version of the tool.
JSNAP using Python (JSNAPy)
JSNAPy is the Python version of the JSNAP tool described above.
JavaScript Object Notation (JSON)
JSON is a popular data exchange format which has become a
standard for simple and lightweight communication between
devices and applications. To enrich native support in several
programming languages, Junos OS operational commands can emit
output in JSON format. Junos OS configuration input can also be
provided in JSON format.
Junos Telemetry Interface
The Junos Telemetry Interface (JTI) is a high-frequency telemetry
export function available on Juniper networking platforms to
optimize network performance and fault management.
Junos User Interface Scripting Environment
The Junos User Interface Scripting Environment (JUISE) is a set of
tools that allows the development and testing of SLAX scripts
targeting devices running Junos OS. Users can develop scripts in
their own desktop environment, performing the necessary code,
test, and debug cycles in a more familiar setting. Tools for
developers are available, including a debugger, a profiler, a call- flow
tracing mechanism, and trace files.
Jxmlease
Jxmlease is a Python module that converts XML to intelligent
Python data structures, and vice versa.
NETCONF
NETCONF is a protocol defined by the IETF for installing,
manipulating, and deleting network device configurations.
NETCONF Libraries
NETCONF libraries support XML-based data encoding, SSH
transport, and RPC support using different languages including
Python, Ruby, PHP, Java, Go, and Perl.
OpenConfig
OpenConfig is an informal working group of network operators that
is focused on compiling a consistent set of vendor-neutral data
models (written in YANG) based on actual operational needs from
use cases and requirements from multiple network operators.
PyEZ
Junos PyEZ is a Python “micro-framework” used to remotely
manage or automate a device running Junos OS.
Python
With native support for Python in Junos OS, users can develop and
execute operational, event, and configuration commit scripts using
Python.
Representational State Transfer (REST) API
The Junos OS REST API is an interface that enables users to
securely connect to Junos OS devices and execute remote
procedure calls. Using the REST API Explorer GUI, users can
conveniently experiment with any REST API and explore a variety
of formatting and display options, including JavaScript Object
Notation (JSON). REST uses HTTP as its application- layer protocol.
RubyEZ
The RubyEZ framework allows users to automate management of
Junos OS devices without requiring specific Junos XML knowledge.
Stylesheet Language Alternative Syntax
SLAX is a language for writing Junos OS Op Scripts, Event Scripts,
Commit Scripts, and SNMP Scripts.
Third-Party Platforms and Tools
Ansible, SaltStack, Chef, and Puppet are IT provisioning tools that
also bring the networking environment closer to the concept of
continuous delivery. Junos OS automation supports all of these
tools.
• Ansible: A free software platform that combines multinode
software deployment, ad hoc task execution, and configuration
management; Ansible works in proxy mode without requiring
an on-box agent.
• SaltStack: A tool that allows users to remotely configure a
number of devices simultaneously, with a single command;
SaltStack works in proxy mode without requiring an on-box
agent.
• Puppet: An open-source configuration management tool that
runs UNIX-like systems or Microsoft Windows and includes its
own declarative language to describe system configuration.
• Chef: An IT provisioning tool that integrates with cloud- based
platforms to automate the process of provisioning, configuring,
and maintaining new servers.
Enabling Network Automation with Junos OS Datasheet
4



Html Pages

1 2 3 4 5