| Moteur de recherche de fiches techniques de composants électroniques |
|
SPACE-CONNECTIVITY Fiches technique(PDF) 2 Page - Juniper Networks, Inc. |
|
|
|||||||||||||||||||||||||||||
SPACE-CONNECTIVITY Fiches technique(HTML) 2 Page - Juniper Networks, Inc. |
|
2 / 7 page ![]() 2 Junos Space Connectivity Services Director Connectivity Services Director Product Description Companies that offer MPLS and carrier Ethernet services face common business challenges such as controlling capital and operating expenses, accelerating time to market, and increasing customer satisfaction. At the same time, these companies also have to deal with technical challenges such as: • Provisioning a customer service rapidly and accurately • Scaling to keep up with customer demand • Tracking site-specific quality of service (QoS) • Troubleshooting and pinpointing problems in the network Junos Space Connectivity Services Director allows service providers and enterprises to rapidly enable new service offerings. It facilitates an automated and streamlined approach to the service design and provisioning process, reducing fallout from misconfigured customer services and increasing customer satisfaction and retention. Besides automating key provisioning tasks, Junos Space Connectivity Services Director also provides a complete network management solution, including automated service discovery, MPLS resource management, point-and- click service provisioning, validation, as well as monitoring and troubleshooting for legacy ATM/TDM, MPLS, and carrier Ethernet environments. Junos Space Connectivity Services Director manages the life cycle of services comprised of resource pool management, service design, service provisioning, service troubleshooting, service monitoring, service-level agreement (SLA) monitoring, and service decommissioning. High-level capabilities include: • Automating the design, activation, and validation of the provisioning process for E-Line, E-LAN, IP services across ATM/TDM, MPLS, and carrier Ethernet networks, enabling service providers to efficiently and cost-effectively manage deployments while reducing fallout from misconfigured services • Designing, provisioning, and activating RSVP-signaled label-switched paths (LSPs), as well as static LSPs, which can be configured as end-to-end, point to point (P2P), point to multipoint (P2MP), or full mesh • Monitoring service faults and performance of VPN services using standards-based protocols and technologies such as Figure 1: Junos Space Connectivity Services Director Functions Resource Management Device and services inventory Service Design Pre-defined and custom templates for services Service Provisioning Rapid provisioning of services Validation and Troubleshooting Network performance and SLA assurance Ethernet connectivity fault management (CFM), Ethernet link fault management (LFM), and Bidirectional Forwarding Detection (BFD) • Enforcing SLA of VPN services using Y.1731 • Provisioning synchronization interfaces such as IEEE1588- 2008(PTP) and Synchronous Ethernet The Junos Space Network Management Platform and Junos Space Connectivity Services Director are both accessible through a northbound Representational State Transfer (REST)- based API. This enables network providers to tap into the rich functionality of Junos Space and build native applications on their operations/business support systems (OSS/BSS) as they begin to embrace SDN architectures in their networks. Connectivity Services Director manages the services shown in Table 1. Table 1: Services Managed by Connectivity Services Director Use Case Service Supported Service Type Transport RSVP LSP • Point to point (P2P) • Point to multipoint (P2MP) • Full mesh Static LSP • Single hop • Multihop • Bypass Generic routing encapsulation (GRE) tunnel • Full mesh • Hub and spoke VPN E-Line (multi-segment) • Layer 2 circuit (E-Line Martini) • L2VPN (E-Line Kompella) • EVPN-VPWS E-LAN • VPLS • EVPN(E-Tree) • Virtual switch IP • VRF • Virtual router • IP transit OAM CFM • E-Line • E-LAN • Interface LFM • Interface Y-1731 • E-Line • E-LAN RFC-2544 • E-Line • IP • Interface |