Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPACE-CONNECTIVITY Fiches technique(PDF) 5 Page - Juniper Networks, Inc.

No de pièce SPACE-CONNECTIVITY
Description  JUNOS SPACE CONNECTIVITY SERVICES DIRECTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  JUNIPER [Juniper Networks, Inc.]
Site Internet  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

SPACE-CONNECTIVITY Fiches technique(HTML) 5 Page - Juniper Networks, Inc.

  SPACE-CONNECTIVITY Datasheet HTML 1Page - Juniper Networks, Inc. SPACE-CONNECTIVITY Datasheet HTML 2Page - Juniper Networks, Inc. SPACE-CONNECTIVITY Datasheet HTML 3Page - Juniper Networks, Inc. SPACE-CONNECTIVITY Datasheet HTML 4Page - Juniper Networks, Inc. SPACE-CONNECTIVITY Datasheet HTML 5Page - Juniper Networks, Inc. SPACE-CONNECTIVITY Datasheet HTML 6Page - Juniper Networks, Inc. SPACE-CONNECTIVITY Datasheet HTML 7Page - Juniper Networks, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
Junos Space Connectivity Services Director
OAM and SLA Monitoring
After a service has been provisioned, the service provider must
be able to monitor the service in order to guarantee SLAs.
Monitoring involves checking end-to-end path connectivity
of the control plane and data plane. Control plane validation
involves verifying that the MPLS edge routers have indeed
established logical connections. Data plane validation involves
MPLS ping/trace route to ensure that the data plane is indeed
working. Connectivity Services Director provides the following
Operation, Administration, and Maintenance (OAM) and SLA
monitoring capabilities:
• Connectivity fault management (CFM) at the interface level
• Service-level CFM for E-Line and E-LAN services
• Link fault management (LFM)
• MPLS ping for LSP and VPN services
• MPLS traceroute for LSP services
• Support for Y.1731-based one-way and two-way
measurements for frame delay, frame delay variation, frame
loss, and service availability
Connectivity Services Director enables users to set up CFM
flows between service endpoints in order to monitor the end-
to-end service using Y.1731 frames. Users can choose to gather
performance data on demand, or create SLA iterators and assign
them to a service in order to periodically measure the data. In
addition to these iterators, users can also associate an action
profile with a service to describe actions that must be performed
when connectivity problems are detected with the service.
Figure 6: Performance data collected through OAM flows
Service Fault
Faults are very important events, immediately notifying the
service provider of an impending problem in the network.
Devices send alarms on events impacting them, and these
alarms, in turn, might be impacting the customer service. The
device may not be aware of direct impact of an alarm on the
network or the service, but Connectivity Services Director
correlates the two. As soon as Junos Space receives a device
alarm, the Correlation Service checks if any service(s) are
impacted because of this device alarm. Based on impacted
service(s), a service alarm is raised on each service, alerting the
operator about any potential impacts. As soon as a device alarm
is cleared, service alarms are cleared for affected services.
Service Recovery
Consider a scenario where a service provider has installed
Connectivity Services Director as a brown field installation. The
service provider might have hundreds of services deployed in
the network and no longer wants to manually manage them. For
service providers who would like to bring all of these services
into Connectivity Services Director, Connectivity Services
Director has a Service Recovery feature to upload these services
and manage them.
Topology
Viewing a network topology is an important aspect of any
management solution. Connectivity Services Director has a
BGP-LS based topology view that can be grouped based on:
• IS-IS area
• Autonomous number
• Custom group view
The topology view also shows optical links in the network.
Figure 7: Network topology—custom group view
.



Html Pages

1 2 3 4 5 6 7