| Moteur de recherche de fiches techniques de composants électroniques |
|
L9965P-FP Fiches technique(PDF) 79 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9965P-FP Fiches technique(HTML) 79 Page - STMicroelectronics |
|
79 / 104 page ![]() Table 77. CLIENT_NVM_REG_7 - 0x27 Field name Type Bit offset Bit width Reset value Reset sources Description TRIM_PF_FET_FAIL_FIRE_MSK RW 9 1 0x0 nPOR_SLEEP 1 = Deployment inhibition from PF_FET_STG and PF_FET_FAIL masked TRIM_LEAK_NCYCLE RW 7 2 0x0 nPOR_SLEEP Periodicity of cyclic VRCM check and LEAK test: 00 = 1, 01 = 4, 10 = 16, 11 = 64 TRIM_T_DEP_CFG RW 0 7 0x0 nPOR_SLEEP Deployment time Table 78. CLIENT_NVM_REG_8 - 0x28 Field name Type Bit offset Bit width Reset value Reset sources Description RESERVED RW 9 1 0x0 nPOR_SLEEP Reserved TRIM_VER_WKUP_TH RW 6 3 0x0 nPOR_SLEEP ERBST enabled threshold (see the Table 10) TRIM_ERBST_SET RW 3 3 0x0 nPOR_SLEEP ERBST disabled threshold (see the Table 10) TRIM_PIN_LIMIT RW 2 1 0x0 nPOR_SLEEP 0 = Input power limitation disabled 1 = Input power limitation enabled TRIM_PR_FET_FAIL_FIRE_MSK RW 1 1 0x0 nPOR_SLEEP 1 = Deployment inhibition from PR_FET_STB and PR_FET_FAIL masked TRIM_PR_FET_FAIL_FAULTN_MSK RW 0 1 0x0 nPOR_SLEEP 1 = FAULTN assertion from PF_FET_STG and PF_FET_FAIL masked Table 79. CLIENT_NVM_REG_9 - 0x29 Field name Type Bit offset Bit width Reset value Reset sources Description TRIM_GND_LOSS_BSTGND_MSK RW 9 1 0x0 nPOR_SLEEP 1 = Deployment inhibition from BSTGND_LOSS masked TRIM_ERBST_EN RW 8 1 0x0 nPOR_SLEEP 0 = ERBST disabled 1 = ERBST enabled TRIM_ERCAP_C_THR RW 0 8 0x0 nPOR_SLEEP Threshold for ER CAP capacitance value L9965P Functional description DS14702 - Rev 4 page 79/104 |