| Moteur de recherche de fiches techniques de composants électroniques |
|
L9965P-FP Fiches technique(PDF) 65 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9965P-FP Fiches technique(HTML) 65 Page - STMicroelectronics |
|
65 / 104 page ![]() 3.14.1 SPI electrical parameters All parameters are tested and guaranteed in the following conditions, unless otherwise noted: all supplies according to the Table 3; TJ according to the Table 2. Figure 28. SPI timing diagram NCS SCLK tCLK_H tCLK_LEAD tCLK_LAG tNO_DATA tSDO_ACC SDO tSDO_VALID Hi-Z Hi-Z tSDO_DIS tSDI_SETUP tSDI_HOLD SDI tCLK_L Don’t care Don’t care MSB LSB MSB LSB tCLK Table 42. SPI electrical parameters Symbol Parameter Test condition Min Typ Max Unit Pin fCLK SPI transfer frequency Application info - - 2 MHz SCLK tCLK Clock period Application info 500 - - ns SCLK tCLK_H Clock high time Application info 210 - - ns SCLK tCLK_ Clock low time Application info 210 - - ns SCLK tCLK_LEAD Clock lead time Application info 200 - - ns SCLK tCLK_LAG Clock lag time fCLK = 2MHz 200 - - ns SCLK tSDI_SETUP MOSI input setup time Application info 50 - - ns SDI tSDI_HOLD MOSI input hold time Application info 50 - - ns SDI tSDO_ACC SDO access time fCLK = 2 MHz, CLOAD = 60 pF - - 100 ns SDO tSDO_VALID SDO output valid time fCLK = 2 MHz, CLOAD = 60 pF - - 150 ns SDO tSDO_DIS SDO disable time fCLK = 2 MHz, CLOAD = 60 pF - - 100 ns SDO tNO_DATA SPI interframe time fCLK = 2 MHz 800 - - ns NCS 3.14.2 SPI register map Table 43. SPI register map Register name Address Non volatile BMS_ID 0x00 - CHIP_ID 0x01 - FAULT_DIAG_CONFIG 0x02 - FENH_L_CONFIG 0x03 - DIAG_CMD 0x04 - L9965P Functional description DS14702 - Rev 4 page 65/104 |