Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CM17699 Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce CM17699
Description  COLOR PDP DRIVER MODULE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CM17699 Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button CM17699 Datasheet HTML 2Page - STMicroelectronics CM17699 Datasheet HTML 3Page - STMicroelectronics CM17699 Datasheet HTML 4Page - STMicroelectronics CM17699 Datasheet HTML 5Page - STMicroelectronics CM17699 Datasheet HTML 6Page - STMicroelectronics CM17699 Datasheet HTML 7Page - STMicroelectronics CM17699 Datasheet HTML 8Page - STMicroelectronics CM17699 Datasheet HTML 9Page - STMicroelectronics CM17699 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6.3 - Pad Dimensions (in
µm)
The reference is the center of the die (x = 0, y = 0).
6 - STV7699 SPECIFICATIONS (continued)
LEFT SIDE from top to bottom
Name
Center : X Center : Y Size : x
Size : y
VPP
-1738.0
2867.5
90.0
75.0
OUT1
-1738.0
2703.0
90.0
75.0
OUT2
-1738.0
2570.5
90.0
75.0
OUT3
-1738.0
2411.0
90.0
75.0
OUT4
-1738.0
2228.5
90.0
75.0
VSSP
-1738.0
2093.0
90.0
75.0
OUT5
-1738.0
1952.0
90.0
75.0
OUT6
-1738.0
1813.5
90.0
75.0
OUT7
-1738.0
1631.0
90.0
75.0
OUT8
-1738.0
1453.0
90.0
75.0
OUT9
-1738.0
1235.5
90.0
75.0
OUT10
-1738.0
1046.5
90.0
75.0
OUT11
-1738.0
862.0
90.0
75.0
OUT12
-1738.0
712.5
90.0
75.0
VSSP
-1738.0
566.0
90.0
75.0
OUT13
-1738.0
431.0
90.0
75.0
OUT14
-1738.0
293.0
90.0
75.0
OUT15
-1738.0
82.5
90.0
75.0
OUT16
-1738.0
-109.5
90.0
75.0
OUT17
-1738.0
-277.0
90.0
75.0
OUT18
-1738.0
-471.0
90.0
75.0
OUT19
-1738.0
-691.5
90.0
75.0
OUT20
-1738.0
-822.5
90.0
75.0
VSSP
-1738.0
-953.0
90.0
75.0
OUT21
-1738.0
-1096.0
90.0
75.0
OUT22
-1738.0
-1335.5
90.0
75.0
OUT23
-1738.0
-1569.0
90.0
75.0
OUT24
-1738.0
-1697.5
90.0
75.0
VPP
-1715.0
-2045.0
90.0
200.0
BOTTOM SIDE from left to right
Name
Center : X Center : Y Size : x
Size : y
OUT25
-1443.5
-3077.0
75.0
90.0
OUT26
-1249.0
-3077.0
75.0
90.0
OUT27
-1049.5
-3077.0
75.0
90.0
OUT28
-889.0
-3077.0
5.0
90.0
VSSP
-753.0
-3077.0
75.0
90.0
OUT29
-614.0
-3077.0
75.0
90.0
OUT30
-467.5
-3077.0
75.0
90.0
OUT31
-332.0
-3077.0
75.0
90.0
OUT32
-186.5
-3077.0
75.0
90.0
VSSP
-54.0
-3077.0
75.0
90.0
VSSSUB
78.0
-3077.0
75.0
90.0
OUT33
209.5
-3077.0
75.0
90.0
OUT34
342.5
-3077.0
75.0
90.0
OUT35
467.5
-3077.0
75.0
90.0
OUT36
607.5
-3077.0
75.0
90.0
VSSP
752.0
-3077.0
75.0
90.0
OUT37
892.5
-3077.0
75.0
90.0
OUT38
1045.5
-3077.0
75.0
90.0
OUT39
1252.0
-3077.0
75.0
90.0
OUT40
1433.5
-3077.0
75.0
90.0
Right SIDE from bottom to top
Name
Center : X Center : Y Size : x
Size : y
VPP
1600.5
-2087.0
90.0
200.0
OUT41
1737.5
-1646.0
90.0
75.0
OUT42
1737.5
-1507.0
90.0
75.0
OUT43
1737.5
-1328.0
90.0
75.0
OUT44
1737.5
-1096.0
90.0
75.0
VSSP
1737.5
-953.0
90.0
75.0
OUT45
1737.5
-822.5
90.0
75.0
OUT46
1737.5
-691.5
90.0
75.0
OUT47
1737.5
-471.0
90.0
75.0
OUT48
1737.5
-277.0
90.0
75.0
OUT49
1737.5
-109.5
90.0
75.0
OUT50
1737.5
82.5
90.0
75.0
OUT51
1737.5
293.0
90.0
75.0
OUT52
1737.5
431.0
90.0
75.0
VSSP
1737.5
566.0
90.0
75.0
OUT53
1737.5
712.5
90.0
75.0
OUT54
1737.5
862.0
90.0
75.0
OUT55
1737.5
1046.5
90.0
75.0
OUT56
1737.5
1235.5
90.0
75.0
OUT57
1737.5
1453.0
90.0
75.0
OUT58
1737.5
1631.0
90.0
75.0
OUT59
1737.5
1813.5
90.0
75.0
OUT60
1737.5
1952.0
90.0
75.0
VSSP
1737.5
2093.0
90.0
75.0
OUT61
1737.5
2228.5
90.0
75.0
OUT62
1737.5
2411.0
90.0
75.0
OUT63
1737.5
2570.5
90.0
75.0
OUT64
1737.5
2703.0
90.0
75.0
VPP
1737.5
2873.5
90.0
75.0
TOP SIDE from right to left
Name
Center : X Center : Y Size : x
Size : y
VSSSUB
1628.5
3073.5
75.0
90.0
B1
1478.5
3073.5
75.0
90.0
B2
1228.5
3077.0
75.0
90.0
B3
978.5
3077.0
75.0
90.0
B4
847.5
3077.0
75.0
90.0
HIZ
716.5
3077.0
75.0
90.0
POL
486.5
3077.0
75.0
90.0
BLK
355.5
3077.0
75.0
90.0
F/R
224.5
3077.0
75.0
90.0
VSSLOG
31.0
3077.0
200.0
90.0
VSSLOG
-354.5
3077.0
200.0
90.0
STB
-582.0
3077.0
75.0
90.0
CLK
-713.0
3077.0
75.0
90.0
A4
-844.0
3077.0
75.0
90.0
A3
-975.0
3077.0
75.0
90.0
A2
-1106.0
3077.0
75.0
90.0
A1
-1471.5
3077.0
75.0
90.0
VCC
-1629.0
3077.0
75.0
90.0
CM17699
6/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11