| Moteur de recherche de fiches techniques de composants électroniques |
|
CM17699 Fiches technique(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
CM17699 Fiches technique(HTML) 3 Page - STMicroelectronics |
|
3 / 11 page ![]() 3 - CM17699 SCHEMATIC Decoupling capacitors must be located as close as possible to the drivers. If the damping and protection resistor in VPP line of each driver is different to 0 Ω, the decoupling capacitor should not be mounted. 03-25 03-26 03-27 03-28 03-29 03-30 03-31 03-32 03-33 03-34 03-35 03-36 03-37 03-38 03-39 TP3-2 V CC 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100 STV7699 (Die) V SSLOG CLK STB V CC A4 HIZ V SSSUB B1 B2 B3 B4 POL BLK F/R V SSLOG V SSLOG V SSLOG A3 A2 A1 OUT31 OUT32 V SSP V SSSUB OUT33 OUT34 OUT25 OUT26 OUT27 OUT28 OUT29 OUT30 V SSP OUT35 OUT36 V SSP OUT37 OUT38 OUT39 OUT40 V CC V PP3 IC3 V PP3 V PP3 V PP3 TP3-1 03-40 A31 A32 A33 A34 ST F/R BL PO B34 B33 B32 B31 04-25 04-26 04-27 04-28 04-29 04-30 04-31 04-32 04-33 04-34 04-35 04-36 04-37 04-38 04-39 TP4-2 V CC 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100 STV7699 (Die) V SSLOG CLK STB V CC A4 HIZ V SSSUB B1 B2 B3 B4 POL BLK F/R V SSLOG V SSLOG V SSLOG A3 A2 A1 OUT31 OUT32 V SSP V SSSUB OUT33 OUT34 OUT25 OUT26 OUT27 OUT28 OUT29 OUT30 V SSP OUT35 OUT36 V SSP OUT37 OUT38 OUT39 OUT40 V CC V PP4 IC4 V PP4 V PP4 V PP4 TP4-1 04-40 A41 A42 A43 A44 ST F/R BL PO B44 B43 B42 B41 05-25 05-26 05-27 05-28 05-29 05-30 05-31 05-32 05-33 05-34 05-35 05-36 05-37 05-38 05-39 TP5-2 V CC 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100 STV7699 (Die) V SSLOG CLK STB V CC A4 HIZ V SSSUB B1 B2 B3 B4 POL BLK F/R V SSLOG V SSLOG V SSLOG A3 A2 A1 OUT31 OUT32 V SSP V SSSUB OUT33 OUT34 OUT25 OUT26 OUT27 OUT28 OUT29 OUT30 V SSP OUT35 OUT36 V SSP OUT37 OUT38 OUT39 OUT40 V CC V PP5 IC5 V PP4 V PP5 V PP5 TP5-1 05-40 A51 A52 A53 A54 ST F/R BL PO B54 B53 B52 B51 01-25 01-26 01-27 01-28 01-29 01-30 01-31 01-32 01-33 01-34 01-35 01-36 01-37 01-38 01-39 TP1-2 V CC 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100 STV7699 (Die) V SSLOG CLK STB V CC A4 HIZ V SSSUB B1 B2 B3 B4 POL BLK F/R V SSLOG V SSLOG V SSLOG A3 A2 A1 OUT31 OUT32 V SSP V SSSUB OUT33 OUT34 OUT25 OUT26 OUT27 OUT28 OUT29 OUT30 V SSP OUT35 OUT36 V SSP OUT37 OUT38 OUT39 OUT40 V CC V PP1 IC1 V PP1 V PP1 V PP1 TP1-1 01-40 A11 A12 A13 A14 ST F/R BL PO B14 B13 B12 B11 02-25 02-26 02-27 02-28 02-29 02-30 02-31 02-32 02-33 02-34 02-35 02-36 02-37 02-38 02-39 TP2-2 V CC 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100 STV7699 (Die) V SSLOG CLK STB V CC A4 HIZ V SSSUB B1 B2 B3 B4 POL BLK F/R V SSLOG V SSLOG V SSLOG A3 A2 A1 OUT31 OUT32 V SSP V SSSUB OUT33 OUT34 OUT25 OUT26 OUT27 OUT28 OUT29 OUT30 V SSP OUT35 OUT36 V SSP OUT37 OUT38 OUT39 OUT40 V CC V PP2 IC2 V PP2 V PP2 V PP2 TP2-1 02-40 A21 A22 A23 A24 ST F/R BL PO B24 B23 B22 B21 1 A14 2 A13 3 A12 4 A11 5 B11 6 B12 7 B13 8 B14 9 A24 10 A23 11 12 A21 A22 13 B21 14 B22 15 B23 16 B24 17 A34 18 A33 19 20 A31 A32 21 B31 22 B32 23 B33 24 B34 25 26 27 28 29 30 31 32 33 34 35 A44 36 A43 37 38 A41 A42 39 B41 40 B42 41 B43 42 B44 43 A54 44 A53 45 46 A51 A52 47 B51 48 B52 49 B53 50 B54 BL PO F/R ST J1 CON50 V PP V PP1 R1 0 or 22 W C1-1 68nF (not connect if R = 22 W ) V PP V PP2 R2 0 or 22 W C1-2 68nF (not connect if R = 22 W ) V PP V PP3 R3 0 or 22 W C1-3 68nF (not connect if R = 22 W ) V PP V PP4 R4 0 or 22 W C1-4 68nF (not connect if R = 22 W ) V PP V PP5 R5 0 or 22 W C1-5 68nF (not connect if R = 22 W ) 1 2 3 J2 V CC V PP CON3 1 2 3 J3 V CC V PP CON3 C1 100nF C2 100nF C3 100nF C4 100nF C5 100nF V CC Figure 1 CM17699 3/11 |