Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L99UDL01 Fiches technique(PDF) 73 Page - STMicroelectronics

No de pièce L99UDL01
Description  L99UDL01 Automotive Universal Door Lock IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99UDL01 Fiches technique(HTML) 73 Page - STMicroelectronics

Back Button L99UDL01_V01 Datasheet HTML 69Page - STMicroelectronics L99UDL01_V01 Datasheet HTML 70Page - STMicroelectronics L99UDL01_V01 Datasheet HTML 71Page - STMicroelectronics L99UDL01_V01 Datasheet HTML 72Page - STMicroelectronics L99UDL01_V01 Datasheet HTML 73Page - STMicroelectronics L99UDL01_V01 Datasheet HTML 74Page - STMicroelectronics L99UDL01_V01 Datasheet HTML 75Page - STMicroelectronics L99UDL01_V01 Datasheet HTML 76Page - STMicroelectronics L99UDL01_V01 Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 88 page
background image
DS12511 Rev 5
73/88
L99UDL01
Programmers guide
87
KP_X
These bits set the current control loop proportional gain. The shaded area is the default
setting (during a POR or a software reset).
KI_X
These bits set the current control loop integral gain. The shaded area is the default setting.
1
KP_0
Proportional gain of regulation loop bit 0
0 LSB
Parity
Parity bit
Table 48. KP Gain settings
KP_2
KP _1
KP _0
Gain setting
00
0
2
00
1
4
01
0
8
01
1
16
10
0
32
1
0
1
64
1
1
0
128
1
1
1
256
Table 49. KI gain settings
KI_2
KI _1
KI _0
Gain setting
00
0
1/128
00
1
1/64
01
0
1/32
01
1
1/16
10
0
1/8
1
0
1
¼
11
0
½
11
1
1
Table 47. 08H Register bit description (continued)
Bit No.
Function
Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88