| Moteur de recherche de fiches techniques de composants électroniques |
|
L9663 Fiches technique(PDF) 73 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9663 Fiches technique(HTML) 73 Page - STMicroelectronics |
|
73 / 106 page ![]() DS11401 Rev 6 73/106 L9663 Communication interface 105 STS (PROG) Self-Test Setting - prog time Address: 101100 Type: R/W Description: 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Default value: 00 00 000 000 00 000 0 R/W [15] FCRCM: Force CRC mismatch on MISO 0: NOP 1: the least significant bit of CRC is inverted [14:11] RESERVED [10] DOUTTP Value ('0' or '1') to be output on DOUTx pin [9:5] DOUTSEL: DOUTx channel activation 10101: DOUT1 10110: DOUT2 others: ignored [4:0] RESERVED |