Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9663 Fiches technique(PDF) 55 Page - STMicroelectronics

No de pièce L9663
Description  Automotive PSI5 Transceiver IC
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9663 Fiches technique(HTML) 55 Page - STMicroelectronics

Back Button L9663 Datasheet HTML 51Page - STMicroelectronics L9663 Datasheet HTML 52Page - STMicroelectronics L9663 Datasheet HTML 53Page - STMicroelectronics L9663 Datasheet HTML 54Page - STMicroelectronics L9663 Datasheet HTML 55Page - STMicroelectronics L9663 Datasheet HTML 56Page - STMicroelectronics L9663 Datasheet HTML 57Page - STMicroelectronics L9663 Datasheet HTML 58Page - STMicroelectronics L9663 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 106 page
background image
DS11401 Rev 6
55/106
L9663
Communication interface
105
[5] SYNC1_STAT: SYNC1 pin status
0: SYNC1 pin is low,
1: SYNC1 pin is high for more than pin filter time.
It can be used to detect short condition on this pin.
Cleared upon read.
[4] UDB1_BUSY: Upstream data buffer 1 is busy with data to be sent
0: not busy
1: busy
[3] PSI1_ON: PSI 1 interface status
0: disabled
1: enabled
[2] RESERVED
[1] CLK_FLT:
0: no CLK fault
1: reset by internal CLK fault
Cleared upon read.
[0] RST: Reset occurred via internal POR, SW reset (via SPI) or HW reset (via RESET pin)
0: no reset
1: reset occurred
Cleared upon read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More