Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9347 Fiches technique(PDF) 15 Page - STMicroelectronics

No de pièce L9347
Description  Intelligent quad (2x5A/2x2.5A) low-side switch
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9347 Fiches technique(HTML) 15 Page - STMicroelectronics

Back Button L9347_V01 Datasheet HTML 11Page - STMicroelectronics L9347_V01 Datasheet HTML 12Page - STMicroelectronics L9347_V01 Datasheet HTML 13Page - STMicroelectronics L9347_V01 Datasheet HTML 14Page - STMicroelectronics L9347_V01 Datasheet HTML 15Page - STMicroelectronics L9347_V01 Datasheet HTML 16Page - STMicroelectronics L9347_V01 Datasheet HTML 17Page - STMicroelectronics L9347_V01 Datasheet HTML 18Page - STMicroelectronics L9347_V01 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
L9347
Functional Description
15/29
The output current is measured during the recirculation of the load. The current sense
resistor is in series to the free wheeling diode. If this recirculation path is interrupted the
regulator stops immediately and the status output remains low for the rest of the input cycle.
The output period is 64 times the clock period. With a clock frequency of 250kHz the output
PWM frequency is 3.9kHz. The output PWM is synchronized with the first negative edge of
the input signal. After that the output and the input are asynchronous. The first period is
used to measure the current. This means the first turn-on of the power is 256
s after the first
negative edge of the input signal.
As regulator a digital PI-regulator with the Transfer function for:
KI:
and KP: 0.96
for a sampling time of 256
s is realised.
To speed up the current settling time the regulator output is locked to 90% output PWM untill
the target current value is reached. This happens alsowhen the target current value
changes and the output PWM reaches 90% during the regulation. The status output gets
low if the target current value is not reached within the regulation error delay time of
tRE=10ms. The output PWM is than out of the regulation range from 10% to 90%.
3.5
Protective circuits
The outputs are protected against current overload, overtemperature, and power-GND-loss.
The external clock is monitored by a clock watchdog. This clock watchdog detects a minimal
frequency f
CLK,min and wrong clock duty cycles. The allowed clock duty cycle range is 45% to
55%. The current-regulator stages are protected against recirculation errors, when D3 or D4
is not connected. All these error conditions shut off the power stage and invert the status
output information.
3.6
Error detection
The status outputs indicate the switching state under normal conditions (status LOW = OFF;
status HIGH = ON). If an error occurs, the logic level of the status output is inverted, as listed
in the diagnostic table below. All external errors, for example open load, are filtered
internally. The following table shows the detected errors, the filter times and the detection
mode (on/off).
0.126
z1
---------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com