Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9305 Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce L9305
Description  Automotive 4-channel valve driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9305 Fiches technique(HTML) 2 Page - STMicroelectronics

  L9305_V01 Datasheet HTML 1Page - STMicroelectronics L9305_V01 Datasheet HTML 2Page - STMicroelectronics L9305_V01 Datasheet HTML 3Page - STMicroelectronics L9305_V01 Datasheet HTML 4Page - STMicroelectronics L9305_V01 Datasheet HTML 5Page - STMicroelectronics L9305_V01 Datasheet HTML 6Page - STMicroelectronics L9305_V01 Datasheet HTML 7Page - STMicroelectronics L9305_V01 Datasheet HTML 8Page - STMicroelectronics L9305_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 107 page
background image
A 32-bit CRC protected SPI interface is used for configuration and control of all channels and provides status
feedback of all diagnostic functions. An active low reset input, RESN, is used to disable all channels and resets
internal registers to their default values. A safe enable path is provided through the EN_DR pin and the integrated
Fail Safe Pre-driver. An isolated redundant safety switch-off path ensures that critical internal faults disable the fail
safe pre-driver. An active high enable pin, EN_DR, is used to enable or disable the operation of all channels.
When the EN_DR pin is low, all channels are disabled. A fault output pin is provided and can be used to generate
an external interrupt to the microcontroller whenever a fault is detected. The user can map specific faults to the
FAULTn pin based on their specific system requirements.
L9305
DS12774 - Rev 10
page 2/107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More