Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9305 Fiches technique(PDF) 77 Page - STMicroelectronics

No de pièce L9305
Description  Automotive 4-channel valve driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9305 Fiches technique(HTML) 77 Page - STMicroelectronics

Back Button L9305_V01 Datasheet HTML 73Page - STMicroelectronics L9305_V01 Datasheet HTML 74Page - STMicroelectronics L9305_V01 Datasheet HTML 75Page - STMicroelectronics L9305_V01 Datasheet HTML 76Page - STMicroelectronics L9305_V01 Datasheet HTML 77Page - STMicroelectronics L9305_V01 Datasheet HTML 78Page - STMicroelectronics L9305_V01 Datasheet HTML 79Page - STMicroelectronics L9305_V01 Datasheet HTML 80Page - STMicroelectronics L9305_V01 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 107 page
background image
0: Disabled (OFF)
1: Enabled
[4] Unused
[3] Solenoid Load Configuration:
0: Low Side
1: High Side
[2] Current Feedback Control Mode:
0: HW Feedback
1: SW Feedback
[1:0] Output Slew Rate:
00: 0.4V/µs
01: 1.0V/µs
10: 4.0V/µs
11: 8.0V/µs
L9305
SPI
DS12774 - Rev 10
page 77/107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More