Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9301 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce L9301
Description  Automotive octal low side driver or quad low side plus quad high side driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9301 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button L9301_V01 Datasheet HTML 17Page - STMicroelectronics L9301_V01 Datasheet HTML 18Page - STMicroelectronics L9301_V01 Datasheet HTML 19Page - STMicroelectronics L9301_V01 Datasheet HTML 20Page - STMicroelectronics L9301_V01 Datasheet HTML 21Page - STMicroelectronics L9301_V01 Datasheet HTML 22Page - STMicroelectronics L9301_V01 Datasheet HTML 23Page - STMicroelectronics L9301_V01 Datasheet HTML 24Page - STMicroelectronics L9301_V01 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
DS11400 Rev 9
21/54
L9301
Configuration 1: 8 low side drivers
53
7.3
Configuration 4: 4 configurable drivers and 8 low-side
drivers
In this configuration there are 4 HS/LS drivers and 8 low side drivers available. All the LS
can be driven by SPI or by the parallel input.
The IN1-8 control OUT1-8 while the configurable driver can only be controlled by SPI.
The four configurable drivers (DRN1-4, SRC1-4) can be configured separately as LS or HS
using the dedicated SPI bit.
Table 17. Config 4
INx
SPI: CR13
Output
IN1
Cmd1
OUT1
IN2
Cmd2
OUT2
IN3
Cmd3
OUT3
IN4
Cmd4
OUT4
IN5
Cmd5
OUT5
IN6
Cmd6
OUT6
IN7
Cmd7
OUT7
IN8
Cmd8
OUT8
-
Cmd9
DRN1 - SRC1
-
Cmd10
DRN2 - SRC2
-
Cmd11
DRN3 - SRC3
-
Cmd12
DRN4 - SRC4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54