Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9301 Fiches technique(PDF) 20 Page - STMicroelectronics

No de pièce L9301
Description  Automotive octal low side driver or quad low side plus quad high side driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9301 Fiches technique(HTML) 20 Page - STMicroelectronics

Back Button L9301_V01 Datasheet HTML 16Page - STMicroelectronics L9301_V01 Datasheet HTML 17Page - STMicroelectronics L9301_V01 Datasheet HTML 18Page - STMicroelectronics L9301_V01 Datasheet HTML 19Page - STMicroelectronics L9301_V01 Datasheet HTML 20Page - STMicroelectronics L9301_V01 Datasheet HTML 21Page - STMicroelectronics L9301_V01 Datasheet HTML 22Page - STMicroelectronics L9301_V01 Datasheet HTML 23Page - STMicroelectronics L9301_V01 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 54 page
background image
Configuration 1: 8 low side drivers
L9301
20/54
DS11400 Rev 9
Figure 6. Configuration 3: 4 high-side PWM mode and 4 low-side drivers
Table 16. Config 3
INx
SPI: CR13
Output
IN1
Cmd1
SRC1 <-> OUT2
IN2
Cmd2
SRC2 <-> OUT1
IN3
Cmd3
SRC3 <-> OUT4
IN4
Cmd4
SRC4 <-> OUT3
IN5
Cmd5
OUT5
IN6
Cmd6
OUT6
IN7
Cmd7
OUT7
IN8
Cmd8
OUT8
Internal
Supply
LOGIC
SPI
LS
Driver
VB
IN8
IN1
Diagnostic
CS
SCK
MOSI
MISO
IN2
IN3
IN4
IN5
IN6
IN7
EN
LS
Driver
Driver
Charge
pump
CP
GND
GND
RES
VB
VB
VDD_I/O
V5V
L9301
HS/LS
LOAD5-8
SRC1-4
DRN1-4
OUT5-8
OUT1-4
LOAD1- 4
GAPG0309150951PS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54