Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9300 Fiches technique(PDF) 71 Page - STMicroelectronics

No de pièce L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Fiches technique(HTML) 71 Page - STMicroelectronics

Back Button L9300_V01 Datasheet HTML 67Page - STMicroelectronics L9300_V01 Datasheet HTML 68Page - STMicroelectronics L9300_V01 Datasheet HTML 69Page - STMicroelectronics L9300_V01 Datasheet HTML 70Page - STMicroelectronics L9300_V01 Datasheet HTML 71Page - STMicroelectronics L9300_V01 Datasheet HTML 72Page - STMicroelectronics L9300_V01 Datasheet HTML 73Page - STMicroelectronics L9300_V01 Datasheet HTML 74Page - STMicroelectronics L9300_V01 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 178 page
background image
12
General purpose output (GPO)
12.1
GPO functional description
The device provides a low–side open drain general purpose output. This output can be used as a standard low–
side output or as a configurable interrupt generator through dedicated SPI bit in the Service Enable register.
Default configuration at device power on reset is IRQ functionality (GPO Configuration = 0): driver works as
General Purpose Output and it can be used to generate an interrupt to the microcontroller whenever a fault is
detected by the device. In case of interrupt generation GPO pin is driven low. The second functionality (GPO
Configuration = 1) is as low–side led driver (50 mA current capability): in this case the GPO output is directly
driven by the microcontroller through SPI command bit.
When used as LS driver GPO is equipped with on state and off state diagnostic. The off state diagnostic is made
of open load and short to GND checks; open load diagnostic can be disabled by SPI bit together with its diagnosis
bias current to use GPO output for LED mode operation; the short to GND off state diagnostic remains active and
behaves as usual.
During on state of the GPO output the driver (both in IRQ or LS configuration) is protected against short to battery
event through over current diagnostic: when an over current fault occurs the driver switches immediately off to
reduce the power dissipation, the fault is latched and is cleared by SPI read; the GPO driver is kept off until the
fault is cleared, then it is restarted automatically.
The turn on/off time is fixed; during turn-off the slope is controlled by external RC load.
Figure 42. GPO driver
GPO
GPO
Driver
X
Protection &
diagnosis
GADG1907171535PS
The table below lists the fault that can trigger an interrupt in IRQ mode; the trigger generation by these faults can
be masked through Service Fault Mask and Driver Fault Mask SPI registers.
L9300
General purpose output (GPO)
DS12258 - Rev 5
page 71/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com