Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA339BWS Fiches technique(PDF) 41 Page - STMicroelectronics

No de pièce STA339BWS
Description  2.1-channel 40-watt high-efficiency digital system Sound Terminal
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA339BWS Fiches technique(HTML) 41 Page - STMicroelectronics

Back Button STA339BWS_V01 Datasheet HTML 37Page - STMicroelectronics STA339BWS_V01 Datasheet HTML 38Page - STMicroelectronics STA339BWS_V01 Datasheet HTML 39Page - STMicroelectronics STA339BWS_V01 Datasheet HTML 40Page - STMicroelectronics STA339BWS_V01 Datasheet HTML 41Page - STMicroelectronics STA339BWS_V01 Datasheet HTML 42Page - STMicroelectronics STA339BWS_V01 Datasheet HTML 43Page - STMicroelectronics STA339BWS_V01 Datasheet HTML 44Page - STMicroelectronics STA339BWS_V01 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 79 page
background image
DocID015276 Rev 9
41/79
STA339BWS
Register description
79
2.1 channels, two full-bridges + one external full-bridge (OCFG = 10)
Mapping:
FFX1A -> OUT1A
FFX1B -> OUT1B
FFX2A -> OUT2A
FFX2B -> OUT2B
FFX3A -> OUT3A
FFX3B -> OUT3B
EAPD -> OUT4A
TWARN -> OUT4B
Default modulation:
FFX1A/1B configured as ternary
FFX2A/2B configured as ternary
FFX3A/3B configured as ternary
FFX4A/4B is not used
In this configuration, channel 3 has full control (volume, EQ, etc…). On OUT4 channel the
external bridge control signals are multiplexed.
In this configuration the PWM slot phase is the following as shown in Figure 18.
Figure 18. 2.1 channels (OCFG = 10) PWM slots
OUT1A
OUT1B
OUT2A
OUT2B
OUT3A
OUT3B
OUT1A
OUT1B
OUT2A
OUT2B
OUT3A
OUT3B
OUT1A
OUT1B
OUT2A
OUT2B
OUT3A
OUT3B
OUT1A
OUT1B
OUT2A
OUT2B
OUT3A
OUT3B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79