Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA339BWS Fiches technique(PDF) 54 Page - STMicroelectronics

No de pièce STA339BWS
Description  2.1-channel 40-watt high-efficiency digital system Sound Terminal
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA339BWS Fiches technique(HTML) 54 Page - STMicroelectronics

Back Button STA339BWS_V01 Datasheet HTML 50Page - STMicroelectronics STA339BWS_V01 Datasheet HTML 51Page - STMicroelectronics STA339BWS_V01 Datasheet HTML 52Page - STMicroelectronics STA339BWS_V01 Datasheet HTML 53Page - STMicroelectronics STA339BWS_V01 Datasheet HTML 54Page - STMicroelectronics STA339BWS_V01 Datasheet HTML 55Page - STMicroelectronics STA339BWS_V01 Datasheet HTML 56Page - STMicroelectronics STA339BWS_V01 Datasheet HTML 57Page - STMicroelectronics STA339BWS_V01 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 79 page
background image
Register description
STA339BWS
54/79
DocID015276 Rev 9
Anticlipping mode
Table 67. Limiter release rate vs LxR bits
LxR[3:0]
Release rate dB/ms
0000
0.5116
Fast
Slow
0001
0.1370
0010
0.0744
0011
0.0499
0100
0.0360
0101
0.0299
0110
0.0264
0111
0.0208
1000
0.0198
1001
0.0172
1010
0.0147
1011
0.0137
1100
0.0134
1101
0.0117
1110
0.0110
1111
0.0104
Table 68. Limiter attack threshold vs LxAT bits (AC mode)
LxAT[3:0]
AC (dB relative to fs)
0000
-12
0001
-10
0010
-8
0011
-6
0100
-4
0101
-2
0110
0
0111
+2
1000
+3
1001
+4
1010
+5
1011
+6
1100
+7
1101
+8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79