| Moteur de recherche de fiches techniques de composants électroniques |
|
L9950 Fiches technique(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9950 Fiches technique(HTML) 32 Page - STMicroelectronics |
|
32 / 39 page ![]() Package and packing information L9950 - L9950XP 32/39 Doc ID 10311 Rev 11 6 Package and packing information 6.1 ECOPACK® In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK® is an ST trademark. 6.2 PowerSO-36 package information Figure 11. PowerSO-36 package dimensions |