| Moteur de recherche de fiches techniques de composants électroniques |
|
L9950 Fiches technique(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9950 Fiches technique(HTML) 19 Page - STMicroelectronics |
|
19 / 39 page ![]() L9950 - L9950XP Electrical specifications Doc ID 10311 Rev 11 19/39 Figure 8. SPI - timing of status bit 0 (fault condition) CSN CLK DI DO CSN high to low and CLK stays low: status information of data bit 0 (fault condition) is transfered to DO DI: data is not accepted DO: status information of data bit 0 (fault condition) will stay as long as CSN is low time time time time 0- |