Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9800 Fiches technique(PDF) 48 Page - STMicroelectronics

No de pièce L9800
Description  Automotive 8-channel LS driver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9800 Fiches technique(HTML) 48 Page - STMicroelectronics

Back Button L9800 Datasheet HTML 44Page - STMicroelectronics L9800 Datasheet HTML 45Page - STMicroelectronics L9800 Datasheet HTML 46Page - STMicroelectronics L9800 Datasheet HTML 47Page - STMicroelectronics L9800 Datasheet HTML 48Page - STMicroelectronics L9800 Datasheet HTML 49Page - STMicroelectronics L9800 Datasheet HTML 50Page - STMicroelectronics L9800 Datasheet HTML 51Page - STMicroelectronics L9800 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 55 page
background image
12
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
12.1
TFQFN24 4x4x0.9 wettable flanks package information
Figure 35. TFQFN24 4x4x0.9 wettable flanks package dimension
BOTTOM VIEW
SIDE VIEW
TOP VIEW
L9800
Package information
DS14041 - Rev 2
page 48/55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55