| Moteur de recherche de fiches techniques de composants électroniques |
|
L9679ETR Fiches technique(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9679ETR Fiches technique(HTML) 21 Page - STMicroelectronics |
|
21 / 127 page ![]() RID / WID Hex R/W Name Description Operating state(1) 0 1 0 1 0 1 1 0 0x56 0 1 0 1 0 1 1 1 0x57 0 1 0 1 1 0 0 0 0x58 0 1 0 1 1 0 0 1 0x59 0 1 0 1 1 0 1 0 0x5A 0 1 0 1 1 0 1 1 0x5B 0 1 0 1 1 1 0 0 0x5C 0 1 0 1 1 1 0 1 0x5D 0 1 0 1 1 1 1 0 0x5E 0 1 0 1 1 1 1 1 0x5F 0 1 1 0 0 0 0 0 0x60 0 1 1 0 0 0 0 1 0x61 0 1 1 0 0 0 1 0 0x62 0 1 1 0 0 0 1 1 0x63 0 1 1 0 0 1 0 0 0x64 0 1 1 0 0 1 0 1 0x65 0 1 1 0 0 1 1 0 0x66 0 1 1 0 0 1 1 1 0x67 0 1 1 0 1 0 0 0 0x68 0 1 1 0 1 0 0 1 0x69 0 1 1 0 1 0 1 0 0x6A R ARM_STATE Status of arming signals 0 1 1 0 1 0 1 1 0x6B 0 1 1 0 1 1 0 0 0x6C 0 1 1 0 1 1 0 1 0x6D 0 1 1 0 1 1 1 0 0x6E R/W LOOP_MATRIX_ ARM1 Assignment of FEN1 pin to which LOOPS √ 0 1 1 0 1 1 1 1 0x6F R/W LOOP_MATRIX_ ARM2 Assignment of FEN2 pin to which LOOPS √ 0 1 1 1 0 0 0 0 0x70 0 1 1 1 0 0 0 1 0x71 0 1 1 1 0 0 1 0 0x72 0 1 1 1 0 0 1 1 0x73 0 1 1 1 0 1 0 0 0x74 0 1 1 1 0 1 0 1 0x75 0 1 1 1 0 1 1 0 0x76 0 1 1 1 0 1 1 1 0x77 0 1 1 1 1 0 0 0 0x78 0 1 1 1 1 0 0 1 0x79 0 1 1 1 1 0 1 0 0x7A L9679E SPI interface DS12485 - Rev 8 page 21/127 |