Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9679ETR Fiches technique(PDF) 49 Page - STMicroelectronics

No de pièce L9679ETR
Description  Automotive battery cut-off circuit and airbag system expansion IC
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679ETR Fiches technique(HTML) 49 Page - STMicroelectronics

Back Button L9679ETR Datasheet HTML 45Page - STMicroelectronics L9679ETR Datasheet HTML 46Page - STMicroelectronics L9679ETR Datasheet HTML 47Page - STMicroelectronics L9679ETR Datasheet HTML 48Page - STMicroelectronics L9679ETR Datasheet HTML 49Page - STMicroelectronics L9679ETR Datasheet HTML 50Page - STMicroelectronics L9679ETR Datasheet HTML 51Page - STMicroelectronics L9679ETR Datasheet HTML 52Page - STMicroelectronics L9679ETR Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 127 page
background image
[9:8]
00
00
00
VRCM[1:0]: Voltage regulator current monitor control
Updated by SSM_RESET or SPI write
00: VRCM not connected
01: VRCM connected to SFx of channel selected by LEAK_CHSEL[3:0]
10: VRCM connected to SRx of channel selected by LEAK_CHSEL[3:0] and pull down current of
the same channel disabled
11: VRCM connected to SRx of channel selected by LEAK_CHSEL[3:0] and pull down current of
the same channel enabled (ISINK and ISRC must be switched off)
[7:4]
0000
0000
0000
RES_MEAS_CHSEL[3:0]: Squib/Pyroswitch resistance measurement channel select - selects the
channel and muxes for the resistance test, and the channel for HS driver test (full path fet test)
activation
Updated by SSM_RESET or SPI write
0000: Channel 0
0001: Channel 1
0010: Channel 2
0011: Channel 3
0100: Channel 4
0101: Channel 5
0110: Channel 6
0111: Channel 7
0100 - 1111 None Selected
[3:0]
0000
0000
0000
LEAK_CHSEL[3:0]: Squib/Pyroswitch Leakage Measurement Channel select - selects the
channel and muxes for the leakage test, and the channel for HS/LS FET test activation.
Updated by SSM_RESET or SPI write
0000: Channel 0
0001: Channel 1
0010: Channel 2
0011: Channel 3
0100 : Channel 4
0101: Channel 5
0110: Channel 6
0111: Channel 7
0100 - 1111: None Selected
L9679E
SPI interface
DS12485 - Rev 8
page 49/127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More