| Moteur de recherche de fiches techniques de composants électroniques |
|
L9678P Fiches technique(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9678P Fiches technique(HTML) 18 Page - STMicroelectronics |
|
18 / 215 page ![]() Absolute and operative maximum ratings L9678P, L9678P-S 18/216 DS11626 Rev 9 2.3 Pin-out description The L9678P-S/L9678P pin-out is shown below. The package is a LQFP 64-pin full plastic package. Figure 1. Pin-out description SFx SRx ACL DCSx FENH GPODx GPOSx ARM C28÷C31 C20÷C23 C24÷C27 C10 D7÷D8 uC_FLEN PUMD15 VSF C15 Q3 D5 C17 C16 C18÷C19 SSxy LOAD GNDSUBx R7 CVDD GNDD From ERBOOST D7÷D8 DCSx D GPODx GPOSx C28÷ 8 8 C31 uC_FLEN PUMD15 C16 ACL FENH F ARM C10 CVDD GNDD G SFx SRx ACL C28 C31 C20÷ 0 0 C23 C24÷ 4 4 C27 C18÷ 8 8 C19 SSxy LOAD VRESDIAG SGxy FENL RSUx D3 ISOK C7 C13÷C14 L9678P L9678P-S DC Sensor Interface D1 ERBSTSW ERBOOST VER BATT ER BOOST ER Charge ER Switch Battery Monitor C6 R2 VBATMON VIN C1 C2 R1 L1 C3 D2 C4 C5 CVDD Regulator System control & configuration WAKEUP BVDD5 BSTGND VDDQ BVSUP VDD5 VDD5 Linear Regulator VDD3V3 Linear Regulator VSUP Linear Regulator C11 VSUP Remote Sensor Interface ISO9141 Transceiver ISOTX ISORX GNDISO GPO Driver VSF Regulator Squib drivers Safing Logic IGN VDD3V3 GNDA C8 R3 C9 C12 Q1 R4 R5 D4 VINT3V3 Linear Regulator R6 Close after power-up R9 R8 R10 Q2 Q4 D6 uC_DIAGEN R11 R14 R12÷R13 R15 Q5 D9 |