| Moteur de recherche de fiches techniques de composants électroniques |
|
L9678P Fiches technique(PDF) 63 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9678P Fiches technique(HTML) 63 Page - STMicroelectronics |
|
63 / 215 page ![]() DS11626 Rev 9 63/216 L9678P, L9678P-S SPI interface 214 5.2.6 Power state register (POWER_STATE) Address: 05 Type: R Buffer: $0500 Reset: - 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 MOSI - X X X X X X X X X X X X X X X X MISO 0 0 WAKEUP - - - WAKEUP pin status Set and cleared based on voltage 0 WAKEUP pin < WU_off 1 WAKEUP pin > WU_on VBBAD - - - VBATMON bad pin status Set and cleared based on voltage 1 VBATMON < VBBAD 0 VBATMON > VBBAD NOT_VBGOOD - - - VBATMON good pin status Set and cleared based on voltage 1 VBATMON < VBGOOD 0 VBATMON > VBGOOD VINBAD - - - VIN bad pin status Set and cleared based on voltage 0 VIN > VINBAD 1 VIN < VINBAD NOT_VINGOOD - - - VIN good pin status Set and cleared based on voltage 0 VIN > VINGOOD 1 VIN < VINGOOD VDD3V3_UV - - - VDD3V3 bad pin status |