Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS3121 Fiches technique(PDF) 31 Page - STMicroelectronics

No de pièce TS3121
Description  Rail-to-rail, open-drain comparator with embedded fail-safe input/output
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS3121 Fiches technique(HTML) 31 Page - STMicroelectronics

Back Button TS3121_V01 Datasheet HTML 26Page - STMicroelectronics TS3121_V01 Datasheet HTML 27Page - STMicroelectronics TS3121_V01 Datasheet HTML 28Page - STMicroelectronics TS3121_V01 Datasheet HTML 29Page - STMicroelectronics TS3121_V01 Datasheet HTML 30Page - STMicroelectronics TS3121_V01 Datasheet HTML 31Page - STMicroelectronics TS3121_V01 Datasheet HTML 32Page - STMicroelectronics TS3121_V01 Datasheet HTML 33Page - STMicroelectronics TS3121_V01 Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
List of tables
Table 1.
Pin description...................................................................... 2
Table 2.
Absolute maximum ratings ............................................................. 3
Table 3.
Operating conditions ................................................................. 3
Table 4.
Electrical characteristics - VCC = 5 V, Vicm = VCC/2, T = 25 °C (unless otherwise specified).................. 4
Table 5.
Electrical characteristics - VCC = 3.3 V, Vicm = VCC/2, T = 25 °C (unless otherwise specified). ............... 5
Table 6.
Electrical characteristics - VCC = 1.8 V, Vicm = VCC/2, T = 25 °C (unless otherwise specified). ............... 6
Table 7.
SC70-5 (or SOT323-5) package mechanical data ............................................ 26
Table 8.
SOT23-5 mechanical data............................................................. 27
Table 9.
Order code ....................................................................... 28
Table 10.
Document revision history ............................................................. 29
TS3121, TS3121A
List of tables
DS14484 - Rev 3
page 31/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34