Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS3121 Fiches technique(PDF) 27 Page - STMicroelectronics

No de pièce TS3121
Description  Rail-to-rail, open-drain comparator with embedded fail-safe input/output
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS3121 Fiches technique(HTML) 27 Page - STMicroelectronics

Back Button TS3121_V01 Datasheet HTML 23Page - STMicroelectronics TS3121_V01 Datasheet HTML 24Page - STMicroelectronics TS3121_V01 Datasheet HTML 25Page - STMicroelectronics TS3121_V01 Datasheet HTML 26Page - STMicroelectronics TS3121_V01 Datasheet HTML 27Page - STMicroelectronics TS3121_V01 Datasheet HTML 28Page - STMicroelectronics TS3121_V01 Datasheet HTML 29Page - STMicroelectronics TS3121_V01 Datasheet HTML 30Page - STMicroelectronics TS3121_V01 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
7.2
SOT23-5 package information
Figure 56. SOT23-5 package outline
Table 8. SOT23-5 mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.90
1.20
1.45
0.035
0.047
0.057
A1
0.15
0.006
A2
0.90
1.05
1.30
0.035
0.041
0.051
B
0.35
0.40
0.50
0.014
0.016
0.020
C
0.09
0.15
0.20
0.004
0.006
0.008
D
2.80
2.90
3.00
0.110
0.114
0.118
D1
1.90
0.075
e
0.95
0.037
E
2.60
2.80
3.00
0.102
0.110
0.118
F
1.50
1.60
1.75
0.059
0.063
0.069
L
0.10
0.35
0.60
0.004
0.014
0.024
K
0 degrees
10 degrees
0 degrees
10 degrees
TS3121, TS3121A
Package information
DS14484 - Rev 3
page 27/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34