Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DFR0620 Fiches technique(PDF) 13 Page - DFROBOT

No de pièce DFR0620
Description  ESP-EYE Development Board
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DFROBOT [DFROBOT]
Site Internet  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0620 Fiches technique(HTML) 13 Page - DFROBOT

Back Button DFR0620 Datasheet HTML 9Page - DFROBOT DFR0620 Datasheet HTML 10Page - DFROBOT DFR0620 Datasheet HTML 11Page - DFROBOT DFR0620 Datasheet HTML 12Page - DFROBOT DFR0620 Datasheet HTML 13Page - DFROBOT DFR0620 Datasheet HTML 14Page - DFROBOT DFR0620 Datasheet HTML 15Page - DFROBOT DFR0620 Datasheet HTML 16Page - DFROBOT DFR0620 Datasheet HTML 17Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
There is a range of example projects in the examples directory in ESP-WHO. You can
copy any project in the same way as presented above and run it.
It is also possible to build examples in-place, without copying them first.
Step 6. Connect Your Device
Now connect your ESP32 board to the computer and check under what serial port the
board is visible.
Serial ports have the following patterns in their names:
Linux: starting with /dev/tty
Step 7. Configure
Navigate to your recognition_solution directory from Step 5 Start a Project and run the
project confuguration uility menuconfig.
cd ~\esp\ recognition_solution
idf.py menuconfig
If the previous steps have been done correctly, the following menu appears:
Step 8. Build the Project
Build the project by running:
idf.py build



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18