Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DFR0620 Fiches technique(PDF) 4 Page - DFROBOT

No de pièce DFR0620
Description  ESP-EYE Development Board
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DFROBOT [DFROBOT]
Site Internet  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0620 Fiches technique(HTML) 4 Page - DFROBOT

  DFR0620 Datasheet HTML 1Page - DFROBOT DFR0620 Datasheet HTML 2Page - DFROBOT DFR0620 Datasheet HTML 3Page - DFROBOT DFR0620 Datasheet HTML 4Page - DFROBOT DFR0620 Datasheet HTML 5Page - DFROBOT DFR0620 Datasheet HTML 6Page - DFROBOT DFR0620 Datasheet HTML 7Page - DFROBOT DFR0620 Datasheet HTML 8Page - DFROBOT DFR0620 Datasheet HTML 9Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Setting up Develpoment Environment
Step 1. Install Prerequisites
•
IDE Tools Installer
https://dl.espressif.com/dl/esp32_win32_msys2_environment_and_toolchain-
20190611.zip
•
ESP-IDF Tools Installer
The easiest way to install ESP-IDF's prerequisites is to download the ESP-IDF Tools
installer form this URL: https://dl.espressif.com/dl/esp-idf-tools-setup-2.0.exe
The installer includes the cross-compilers, OpenOCD, cmake and Ninja build tool, and a
configuration tool called mconf-idf. The installer can also download and run installers
for Python 3.7 and Git For Windows if they are not already installed on the computer.
The installer also offers to download one of the ESP-IDF release versions.
•
Using the Command Prompt
For the remaining Getting Started steps, we're going to use the Windows Command
Prompt.
ESP-IDF Tools Installer creates a shortcut in the Start menu to launch the ESP-IDF
Command Prompt. This shortcut launches the Command Prompt(cmd.exe) and runs
export.bat script to set up the environment variables (PATH, IDF_PATH and others).
Inside this command prompt, all the installed tools are available.
Note that this shortcut is specific to the ESP-IDF directory selected in the ESP-IDF Tools
Installer. If you have multiple ESP-IDF directories on the computer (for example, to work
with different versions of ESP-IDF), you have two options to use them:
1. Create a copy of the shortcut created by the ESP-IDF Tools Installer, and change the
working directory of the new shortcut to the ESP-IDF directory you wish to use.
2. Alternatively, run cmd.exe, then change to the ESP-IDF directory you wish to use, and run
export.bat. Note that unlike the previous option, this way requires Python and Git to be
present in PATH. If you get errors related to Python or Git not being found, use the first
option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18