Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STTS752F Fiches technique(PDF) 29 Page - STMicroelectronics

No de pièce STTS752F
Description  Digital temperature sensor and thermal watchdog
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS752F Fiches technique(HTML) 29 Page - STMicroelectronics

Back Button STTS752F Datasheet HTML 25Page - STMicroelectronics STTS752F Datasheet HTML 26Page - STMicroelectronics STTS752F Datasheet HTML 27Page - STMicroelectronics STTS752F Datasheet HTML 28Page - STMicroelectronics STTS752F Datasheet HTML 29Page - STMicroelectronics STTS752F Datasheet HTML 30Page - STMicroelectronics STTS752F Datasheet HTML 31Page - STMicroelectronics STTS752F Datasheet HTML 32Page - STMicroelectronics STTS752F Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
STTS75
DC and AC parameters
29/38
6
DC and AC parameters
This section summarizes the operating measurement conditions, and the DC and AC
characteristics of the device. The parameters in the DC and AC characteristics Tables that
follow, are derived from tests performed under the Measurement Conditions summarized in
Table 13. Operating and AC Measurement Conditions. Designers should check that the
operating conditions in their circuit match the operating conditions when relying on the
quoted parameters.
Table 13.
Operating and AC measurement conditions
Parameter
STTS75
Unit
Supply voltage
2.7 to 5.5
V
Ambient operating temperature (TA)
–55 to 125
°C
Input rise and fall times
≤ 5ns
Input pulse voltages
0.2 to 0.8VDD
V
Input and output timing reference voltages
0.3 to 0.7VDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38