Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STTS752F Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce STTS752F
Description  Digital temperature sensor and thermal watchdog
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS752F Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button STTS752F Datasheet HTML 19Page - STMicroelectronics STTS752F Datasheet HTML 20Page - STMicroelectronics STTS752F Datasheet HTML 21Page - STMicroelectronics STTS752F Datasheet HTML 22Page - STMicroelectronics STTS752F Datasheet HTML 23Page - STMicroelectronics STTS752F Datasheet HTML 24Page - STMicroelectronics STTS752F Datasheet HTML 25Page - STMicroelectronics STTS752F Datasheet HTML 26Page - STMicroelectronics STTS752F Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
STTS75
Functional description
23/38
3.5
READ mode
In this mode the master reads the STTS75 slave after setting the slave address (see
Figure 8). Following the WRITE mode Control Bit (R/W=0) and the Acknowledge Bit, the
word address 'An' is written to the on-chip address pointer.
There are two READ modes:
●
Preset pointer locations (e.g. Temperature, TOS and THYS registers), and
●
Pointer setting (the pointer has to be set for the register that is to be read).
Note:
The Temperature register pointer is usually the default pointer.
These modes are shown in the READ mode typical timing diagrams (see Figure 9,
Figure 10, and Figure 11 on page 24).
Figure 8.
Slave address location
AI12226
R/W
SLAVE ADDRESS
START
A
0
1
A2 A1 A0
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38