| Moteur de recherche de fiches techniques de composants électroniques |
|
DFR0505 Fiches technique(PDF) 16 Page - DFROBOT |
|
|
|||||||||||||||||||||||||||||
DFR0505 Fiches technique(HTML) 16 Page - DFROBOT |
|
16 / 20 page ![]() } • Function: • Initialize the position function. The function back to true when initialized successfully. • initPos(); • Get current position and the function back to true when initialized successfully. • getPosition(); • Get current longitude: the east one is a positive number and a west longitude is a negative number (-180,180). • getLongitude(); • Get current latitude: the east one is a positive number and a west longitude is a negative number (-90, 90). • getlatitude(); BME280 Environmental Data Monitoring SIM7000C equipped with a BME280 environmental sensor, which recognize IIC connection in default. Please click to download the Arduino library file first before using. Sample Code /*! * @file basicTestI2C.ino * @brief DFRobot's Temperature、Pressure、Humidity and Approx altitude * @n [Get the module here] * @n This example read the Temperature、Pressure、Humidity and Altitude fr om BME280, and then print them * @n [Connection and Diagram] * |