| Moteur de recherche de fiches techniques de composants électroniques |
|
DFR0505 Fiches technique(PDF) 4 Page - DFROBOT |
|
|
|||||||||||||||||||||||||||||
DFR0505 Fiches technique(HTML) 4 Page - DFROBOT |
|
4 / 20 page ![]() SIM7000C Arduino NB-IoT/LTE/GPRS Expansion Shield Connection Diagram Sample Code • Since Arduino UNO only has one hardware port, which will make a conflict with the other Serial device, DFRobot_SIM7000 Library will use SoftwareSerial as communication port. Please turn the switch to the terminal "Tx>D8; Rx > D7" . • The program uses SIM7000 to achieve HTTP message interaction. #include <Wire.h> #include <DFRobot_SIM7000.h> #define PIN_TX 7 #define PIN_RX 8 SoftwareSerial mySerial(PIN_RX,PIN_TX); DFRobot_SIM7000 sim7000; static char buff[350]; void setup(){ int signalStrength,dataNum; Serial.begin(115200); sim7000.begin(mySerial); |