| Moteur de recherche de fiches techniques de composants électroniques |
|
DWDH2 Fiches technique(PDF) 4 Page - nVent Electric plc |
|
|
|||||||||||||||||||||||||||||
DWDH2 Fiches technique(HTML) 4 Page - nVent Electric plc |
|
4 / 6 page ![]() Wall-Mount Cabinets PROTEK SinglE-DOOR anD DOublE-HingED CabinETS PH 763.422.2211 nVent.com/HOFFMAN netWorking 4 Spec-00712 I Standard Product solid Door stainless steel aC, neMa type 4,4X, 12 Catalog Number AxBxC in./mm Rack Units F in./mm P in./mm Q in./mm S in./mm Optional Steel Panel Optional Wood Panel Additional Rack Angles a PTRS242424XA 24.09 x 23.62 x 24.02 612 x 600 x 610 12 21.32 541 --- --- --- --- .80 20 CP2020 CP2020W PTRA24T or PTRA24S PTRS362424XA 36.30 x 23.62 x 24.02 922 x 600 x 610 19 21.32 541 --- --- --- --- .80 20 CP3220 CP3220W PTRA36T or PTRA36S PTRS482424XA 48.62 x 23.62 x 24.02 1235 x 600 x 610 26 21.32 541 --- --- --- --- .80 20 CP4420 CP4420W PTRA48T or PTRA48S aT = tapped 10-32, S = square hole (.375 in. x .375 in.) |