| Moteur de recherche de fiches techniques de composants électroniques |
|
DWDH2 Fiches technique(PDF) 2 Page - nVent Electric plc |
|
|
|||||||||||||||||||||||||||||
DWDH2 Fiches technique(HTML) 2 Page - nVent Electric plc |
|
2 / 6 page ![]() Wall-Mount Cabinets PROTEK SinglE-DOOR anD DOublE-HingED CabinETS PH 763.422.2211 nVent.com/HOFFMAN netWorking 2 Spec-00712 I Standard Product solid Door, neMa type 4, 12 Catalog Number in./mm Rack Units F in./mm P in./mm Q in./mm S in./mm Optional Steel Panel Optional Wood Panel Additional Rack Angles a PTRS242412G4 24.09 x 23.62 x 11.81 612 x 600 x 300 12 9.51 242 --- --- --- --- 1.11 28 CP2020 CP2020W PTRA24T or PTRA24S PTRS242424G4 24.09 x 23.62 x 24.02 612 x 600 x 610 12 21.72 552 --- --- --- --- 1.11 28 CP2020 CP2020W PTRA24T or PTRA24S PTRS362412G4 36.30 x 23.62 x 11.81 922 x 600 x 300 19 9.51 242 --- --- --- --- 1.11 28 CP3220 CP3220W PTRA36T or PTRA36S PTRS362424G4 36.30 x 23.62 x 24.02 922 x 600 x 610 19 21.72 552 --- --- --- --- 1.11 28 CP3220 CP3220W PTRA36T or PTRA36S PTRS482412G4 48.54 x 23.62 x 11.81 1233 x 600 x 300 26 9.51 242 --- --- --- --- 1.11 28 CP4420 CP4420W PTRA48T or PTRA48S PTRS482424G4 48.54 x 23.62 x 24.02 1233 x 600 x 610 26 21.72 552 --- --- --- --- 1.11 28 CP4420 CP4420W PTRA48T or PTRA48S aT = tapped 10-32, S = square hole (.375 in. x .375 in.) Standard Product Window Door, neMa type 12 Catalog Number AxBxC in./mm Rack Units F in./mm P in./mm Q in./mm S in./mm Optional Steel Panel Optional Wood Panel Additional Rack Angles a PTRW242412G2 24.09 x 23.62 x 11.81 612 x 600 x 300 12 9.51 242 18.25 464 15.38 391 1.11 28 CP2020 CP2020W PTRA24T or PTRA24S PTRW242424G2 24.09 x 23.62 x 24.02 612 x 600 x 610 12 21.72 552 18.25 464 15.38 391 1.11 28 CP2020 CP2020W PTRA24T or PTRA24S PTRW362412G2 36.30 x 23.62 x 11.81 922 x 600 x 300 19 9.51 242 30.75 781 15.38 391 1.11 28 CP3220 CP3220W PTRA36T or PTRA36S PTRW362424G2 36.30 x 23.62 x 24.02 922 x 600 x 610 19 21.72 552 30.75 781 15.38 391 1.11 28 CP3220 CP3220W PTRA36T or PTRA36S PTRW482412G2 48.54 x 23.62 x 11.81 1233 x 600 x 300 26 9.51 242 42.70 1085 15.38 391 1.11 28 CP4420 CP4420W PTRA48T or PTRA48S PTRW482424G2 48.54 x 23.62 x 24.02 1233 x 600 x 610 26 21.72 552 42.70 1085 15.38 391 1.11 28 CP4420 CP4420W PTRA48T or PTRA48S aT = tapped 10-32, S = square hole (.375 in. x .375 in.) Standard Product solid stainless steel Door, neMa type 4, 4X, 12 Catalog Number AxBxC in./mm Rack Units F in./mm P in./mm Q in./mm S in./mm Optional Steel Panel Optional Wood Panel Additional Rack Angles a PTRS242412X 24.09 x 23.62 x 11.81 612 x 600 x 300 12 9.51 242 --- --- --- --- .80 20 CP2020 CP2020W PTRA24T or PTRA24S PTRS242424X 24.09 x 23.62 x 24.02 612 x 600 x 610 12 21.72 552 --- --- --- --- .80 20 CP2020 CP2020W PTRA24T or PTRA24S |