Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KW2D-R100Q4E. Fiches technique(PDF) 6 Page - IDEC Corporation

No de pièce KW2D-R100Q4E.
Description  ø22 SMART RFID READER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDEC [IDEC Corporation]
Site Internet  https://us.idec.com/
Logo IDEC - IDEC Corporation

KW2D-R100Q4E. Fiches technique(HTML) 6 Page - IDEC Corporation

Back Button KW2D-R100Q4E. Datasheet HTML 2Page - IDEC Corporation KW2D-R100Q4E. Datasheet HTML 3Page - IDEC Corporation KW2D-R100Q4E. Datasheet HTML 4Page - IDEC Corporation KW2D-R100Q4E. Datasheet HTML 5Page - IDEC Corporation KW2D-R100Q4E. Datasheet HTML 6Page - IDEC Corporation KW2D-R100Q4E. Datasheet HTML 7Page - IDEC Corporation KW2D-R100Q4E. Datasheet HTML 8Page - IDEC Corporation KW2D-R100Q4E. Datasheet HTML 9Page - IDEC Corporation KW2D-R100Q4E. Datasheet HTML 10Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
RFID Reader Configuration Screen
Intuitive operation allows settings to be configured on a single screen.
* The configuration tool can be downloaded from the IDEC website.
Configuration Tool KW RFID Configurator
Screen 1
Only the
IP address
is required.
Only the
IP address
is required.
Operating Environment
Item
Details
OS
Windows10
CPU
1.0GHz or more
Memory
1GB or more
Environment
Microsoft.NET Framework4.0 or later
Tag reading distance
and response speed can be
adjusted.
Tag reading distance
and response speed can be
adjusted.
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16