Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KW2D-R100Q4E. Fiches technique(PDF) 4 Page - IDEC Corporation

No de pièce KW2D-R100Q4E.
Description  ø22 SMART RFID READER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDEC [IDEC Corporation]
Site Internet  https://us.idec.com/
Logo IDEC - IDEC Corporation

KW2D-R100Q4E. Fiches technique(HTML) 4 Page - IDEC Corporation

  KW2D-R100Q4E. Datasheet HTML 1Page - IDEC Corporation KW2D-R100Q4E. Datasheet HTML 2Page - IDEC Corporation KW2D-R100Q4E. Datasheet HTML 3Page - IDEC Corporation KW2D-R100Q4E. Datasheet HTML 4Page - IDEC Corporation KW2D-R100Q4E. Datasheet HTML 5Page - IDEC Corporation KW2D-R100Q4E. Datasheet HTML 6Page - IDEC Corporation KW2D-R100Q4E. Datasheet HTML 7Page - IDEC Corporation KW2D-R100Q4E. Datasheet HTML 8Page - IDEC Corporation KW2D-R100Q4E. Datasheet HTML 9Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Application Examples
Inadvertent operation and
setting changes are prevented,
reducing equipment
malfunctions and failures.
Mount the RFID reader on the operation
panel of a machine and register the
workers in the RFID reader. ID cards can
then be used to authenticate each worker.
Anyone can operate the machines.
BEFORE
AFTER
Manage user authority for machines and devices
By recording entry/exit logs,
workers can be prevented
from being trapped or left
behind in a work area.
Worker's names are linked to ID cards such
as employee ID cards, and that data is sent
when a card is read. Logs are recorded on the
host device to track entry/exit.
Do not know if workers are left inside.
BEFORE
AFTER
Track entry/exit at work areas
Occupied
There are ___ people inside!
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16