| Moteur de recherche de fiches techniques de composants électroniques |
|
DFR0072 Fiches technique(PDF) 2 Page - DFROBOT |
|
|
|||||||||||||||||||||||||||||
DFR0072 Fiches technique(HTML) 2 Page - DFROBOT |
|
2 / 3 page ![]() Pin out Shiftout Module Connection Details Input: D3 connect to Arduino Digital 3 D8 connect to Arduino Digital 8 D9 connect to Arduino Digital 9 VCC connect to Arduino 5V GND connect to Arduino GND Output: D3 connect to the modules' input D3 D8 connect to the modules' input D8 D9 connect to the modules' input D9 VCC connect to the modules' VCC GND connect to the modules' GND Code //Pin connected to latch pin (ST_CP) of 74HC595 const int latchPin = 8; //Pin connected to clock pin (SH_CP) of 74HC595 const int clockPin = 3; ////Pin connected to Data in (DS) of 74HC595 const int dataPin = 9; byte Tab[]={0xc0,0xf9,0xa4,0xb0,0x99,0x92,0x82,0xf8,0x80,0x90,0xff}; void setup() { //set pins to output because they are addressed in the main loop pinMode(latchPin, OUTPUT); |