| Moteur de recherche de fiches techniques de composants électroniques |
|
DFR0072 Fiches technique(PDF) 3 Page - DFROBOT |
|
|
|||||||||||||||||||||||||||||
DFR0072 Fiches technique(HTML) 3 Page - DFROBOT |
|
3 / 3 page ![]() pinMode(dataPin, OUTPUT); pinMode(clockPin, OUTPUT); Serial.begin(9600); Serial.println("reset"); } void loop() { if (Serial.available() > 0) { // ASCII '0' through '9' characters are // represented by the values 48 through 57. // so if the user types a number from 0 through 9 in ASCII, // you can subtract 48 to get the actual value: int bitToSet = Serial.read() - 48; // write to the shift register with the correct bit set high: digitalWrite(latchPin, LOW); // shift the bits out: shiftOut(dataPin, clockPin, MSBFIRST, Tab[bitToSet]); // turn on the output so the LEDs can light up: digitalWrite(latchPin, HIGH); } } Powered By DFRobot © 2008-2017 |