| Moteur de recherche de fiches techniques de composants électroniques |
|
DFR0071 Fiches technique(PDF) 2 Page - DFROBOT |
|
|
|||||||||||||||||||||||||||||
DFR0071 Fiches technique(HTML) 2 Page - DFROBOT |
|
2 / 6 page ![]() Connection Diagram Insert arduino expansion shield V7 onto UNO. Insert SD Module on the arduino expansion shield V7 SD(SPI) socket: Features Break out board for standard SD card and Micro SD (TF) card Sits directly on a Arduino Also be used with other microcontrollers Sample Code Open the sample sketch "SD\examples\CardInfo". /* SD card test This example shows how use the utility libraries on which the' SD library is based in order to get info about your SD card. Very useful for testing a card when you're not sure whether its working or n ot. |