| Moteur de recherche de fiches techniques de composants électroniques |
|
DFR0071 Fiches technique(PDF) 3 Page - DFROBOT |
|
|
|||||||||||||||||||||||||||||
DFR0071 Fiches technique(HTML) 3 Page - DFROBOT |
|
3 / 6 page ![]() The circuit: * SD card attached to SPI bus as follows: ** MOSI - pin 11 on Arduino Uno/Duemilanove/Diecimila ** MISO - pin 12 on Arduino Uno/Duemilanove/Diecimila ** CLK - pin 13 on Arduino Uno/Duemilanove/Diecimila ** CS - depends on your SD card shield or module. Pin 4 used here for consistency with other Arduino examples created 28 Mar 2011 by Limor Fried modified 9 Apr 2012 by Tom Igoe */ // include the SD library: #include <SD.h> // set up variables using the SD utility library functions: Sd2Card card; SdVolume volume; SdFile root; // change this to match your SD shield or module; // Arduino Ethernet shield: pin 4 // Adafruit SD shields and modules: pin 10 // Sparkfun SD shield: pin 8 const int chipSelect = 4; void setup() { // Open serial communications and wait for port to open: Serial.begin(9600); while (!Serial) { |