Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PDIFMP33UX Fiches technique(PDF) 23 Page - Banner Engineering Corp.

No de pièce PDIFMP33UX
Description  Fiber Optic Systems
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BANNER [Banner Engineering Corp.]
Site Internet  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

PDIFMP33UX Fiches technique(HTML) 23 Page - Banner Engineering Corp.

Back Button PDIFMP33UX Datasheet HTML 19Page - Banner Engineering Corp. PDIFMP33UX Datasheet HTML 20Page - Banner Engineering Corp. PDIFMP33UX Datasheet HTML 21Page - Banner Engineering Corp. PDIFMP33UX Datasheet HTML 22Page - Banner Engineering Corp. PDIFMP33UX Datasheet HTML 23Page - Banner Engineering Corp. PDIFMP33UX Datasheet HTML 24Page - Banner Engineering Corp. PDIFMP33UX Datasheet HTML 25Page - Banner Engineering Corp. PDIFMP33UX Datasheet HTML 26Page - Banner Engineering Corp. PDIFMP33UX Datasheet HTML 27Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
Fiber Systems
185
More information online at
bannerengineering.com
Plastic Fiber Optics
WORLD-BEAM®
QS18
MINI-BEAM®
Expert™
Discrete
Bargraph
Super
High Speed
High Speed
High Power
Super
High Power
D10 SERIES
FI22
0.5
12
PBEFP26U
Detailed Dimensions Online
20.0
2.0
2X ø 1.0
polyethylene
stainless
steel
15.0
2000
ø 1.65
ø 4.0
ø 1.27
20
140
40
60
80
100
120
160
• Smooth ferrule;
non-bendable tip
0.25
8
PBFMP16UMP.2
Detailed Dimensions Online
5.0
ø 3.0
ø 0.82
2X ø 1.0
polyethylene
stainless
steel
15.0
2000
525
10
15
20
30
• Smooth ferrule;
non-bendable tip
0.25
8
PBP16U
Detailed Dimensions Online
2X ø 1.0
polyethylene
11.0
5.0 bendable
area
10.0
63
2000
M3 x 0.5
nickel plated
brass
ø 0.81
annealed stainless
steel (bendable)
probe
525
10
15
20
30
• Thread; bendable tip
0.5
12
PBP26U
Detailed Dimensions Online
2X ø 1.0
polyethylene
11.0
89
2000
M3 x 0.5
nickel plated
brass
ø 1.47
annealed stainless
steel (bendable)
probe
20
140
40
60
80
100
120
160
• Thread; bendable tip
1.0
25
PBP46U
Detailed Dimensions Online
2X ø 2.2
polyethylene
17.0
89.0
2000
M6 x 0.75
nickel plated
brass
ø 3.0
annealed stainless
steel (bendable)
probe
50
250
100
150
200
300
• Thread; bendable tip
0.5
12
PBPF26U
Detailed Dimensions Online
2X ø 1.0
polyethylene
15.0
2000
M4 x 0.7
stainless steel
ø 1.27
65
5.0
2.0
bendable
area
10.0
ø 1.65
annealed stainless
steel (bendable)
probe
20
140
40
60
80
100
120
160
• Thread; bendable tip
0.5
12
PBPF26UMB
Detailed Dimensions Online
aluminum
ø 1.27
2000
10.0
3.0
15.0
65
2X ø 1.0
polyethylene
2.0
ø 1.65
annealed stainless
steel (bendable) probe
2X ø 3.4
2X ø 0.5
20
140
40
60
80
100
120
160
• Flat mounting block;
bendable tip
0.75
20
PBPMSB36U
Detailed Dimensions Online
2X ø 2.2
polyethylene
stainless steel
15.0
2000
5.0 bendable
area
10.0
2.30
2.50
65
ø 2.1
ø 4.8
annealed stainless
steel (bendable) probe
10
70
20
30
40
50
60
80
• Smooth ferrule;
bendable tip
0.5
12
PBPS26U
Detailed Dimensions Online
2X ø 1.0
polyethylene
2000
stainless
steel
14.0
2.5
3.0
51
ø 1.47
ø 3.2
10
40
20
30
50
• Smooth ferrule;
non-bendable tip
1.0
25
PBPS46U
Detailed Dimensions Online
2X ø 2.2
polyethylene
stainless
steel
14.0
2000
3.0
3.2
51
ø 3.0
ø 5.1
stainless steel
(non-bendable) probe
20
140
40
60
80
100
120
160
• Smooth ferrule;
non-bendable tip
1.0
25
PBPS46UMT
Detailed Dimensions Online
3.0
3.2
ø 3.0
stainless steel
(non-bendable) probe
2X ø 2.2
polyethylene
14.0
2000
M6 x 0.75
nickel plated
brass
51
20
140
40
60
80
100
120
160
• Thread; non-bendable
tip
1.5
38
PBPS66U
Detailed Dimensions Online
2X ø 2.2
polyethylene
stainless
steel
14.0
2000
2.5
3.0
51
ø 3.8
ø 5.1
stainless steel
(non-bendable) probe
50
350
100
150
200
250
300
400
• Smooth ferrule;
non-bendable tip
CORE DIA.
MIN. BEND
MODEL NUMBER
DRAWING & DIMENSIONS
(mm)
RADIUS (mm)
FEATURES
TYPICAL RANGE (mm)
Indicates fiber can be Free Cut using Fiber Cutter. See page 197.
NA: WORLD-BEAM QS18 not recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42