Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PDIFMP33UX Fiches technique(PDF) 22 Page - Banner Engineering Corp.

No de pièce PDIFMP33UX
Description  Fiber Optic Systems
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BANNER [Banner Engineering Corp.]
Site Internet  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

PDIFMP33UX Fiches technique(HTML) 22 Page - Banner Engineering Corp.

Back Button PDIFMP33UX Datasheet HTML 18Page - Banner Engineering Corp. PDIFMP33UX Datasheet HTML 19Page - Banner Engineering Corp. PDIFMP33UX Datasheet HTML 20Page - Banner Engineering Corp. PDIFMP33UX Datasheet HTML 21Page - Banner Engineering Corp. PDIFMP33UX Datasheet HTML 22Page - Banner Engineering Corp. PDIFMP33UX Datasheet HTML 23Page - Banner Engineering Corp. PDIFMP33UX Datasheet HTML 24Page - Banner Engineering Corp. PDIFMP33UX Datasheet HTML 25Page - Banner Engineering Corp. PDIFMP33UX Datasheet HTML 26Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
Fiber Systems
184 More information online at bannerengineering.com
Plastic Fiber Optics
Indicates fiber can be Free Cut using Fiber Cutter. See page 197.
NA: WORLD-BEAM QS18 not recommended.
WORLD-BEAM®
QS18
MINI-BEAM®
Expert™
Discrete
Bargraph
Super
High Speed
High Speed
High Power
Super
High Power
D10 SERIES
FI22
0.25
8
PBF16U
Detailed Dimensions Online
2X ø 1.0
polyethylene
16.0
2000
ø 3.0
stainless
steel
525
10
15
20
30
• Smooth ferrule
0.5
12
PBF26U
Detailed Dimensions Online
2X ø 1.0
polyethylene
16.0
2000
ø 4.1
stainless
steel
20
140
40
60
80
100
120
160
• Smooth ferrule
1.0
25
PBF46U
Detailed Dimensions Online
2X ø 2.2
polyethylene
stainless
steel
17.0
2000
ø 5.1
50
250
100
150
200
300
• Smooth ferrule
1.0
25
PBF46UM3MJ1.3
Detailed Dimensions Online
2X ø 1.3
polyethylene
stainless
steel
17.0
2000
ø 3.0
50
250
100
150
200
300
• Smooth ferrule;
thin jacket (ø 1.3)
1.5
38
PBF66U
Detailed Dimensions Online
2X ø 2.2
polyethylene
stainless
steel
17.0
2000
ø 5.1
100
400
200
300
500
• Smooth ferrule;
long range
0.25
8
PBFM16U
Detailed Dimensions Online
2X ø 1.0
polyethylene
15.0
15.0
2000
M3 x 0.5
stainless
steel
ø 0.5 stainless steel
(non-bendable)
ferrule
525
10
15
20
30
• Non-bendable
miniature tip
1.0
25
PBFM46U
Detailed Dimensions Online
2X ø 2.2
polyethylene
stainless
steel
14.0
17.0
2000
ø 5.1
ø 3.05
50
250
100
150
200
300
• Smooth ferrule
0.25
8
PBT16U
Detailed Dimensions Online
2X ø 1.0
polyethylene
11.0
2000
M3 x 0.5
stainless
steel
525
10
15
20
30
• Thread
0.5
12
PBT26U
Detailed Dimensions Online
2X ø 1.0
polyethylene
11.0
2000
M3 x 0.5
nickel plated
brass
20
140
40
60
80
100
120
160
• Thread
1.0
25
PBT46U
Detailed Dimensions Online
ø 4.0
2X ø 2.2
polyethylene
14.0
3.0
2000
M6 x 0.75
nickel plated
brass
50
250
100
150
200
300
• Thread
1.5
38
PBT66U
Detailed Dimensions Online
ø 4.0
2X ø 2.2
polyethylene
14.0
3.0
2000
M6 x 0.75
nickel plated
brass
100
400
200
300
500
• Thread; long range
CORE DIA.
MIN. BEND
MODEL NUMBER
DRAWING & DIMENSIONS
(mm)
RADIUS (mm)
FEATURES
TYPICAL RANGE (mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42